データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4951MP-G1 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 AM4951MP-G1
部品情報  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4951MP-G1 データシート(HTML) 1 Page - Diodes Incorporated

  AM4951MP-G1 Datasheet HTML 1Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 2Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 3Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 4Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 5Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 6Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 7Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 8Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Apr. 2012
Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1
General Description
The AM4951/R/2 series is a single-phase BTL output
fan motor driver designed by bipolar process. This IC
features high efficiency, silent operation and includes
lock shutdown and automatic restart functions. When
the
motor
is
under
lock
condition,
the
lock
shutdown function turns off the output current. When
the
lock condition
is
removed,
the
IC
will
restart automatically and allow DC fan to run. It is
applied for high reliability and low noise application,
such as personal computers, notebook, car audio,
CPU
cooling
systems
and
power
supplies
in
consumer electronics systems.
The AM4951/R series is available in MSOP-8 (12V
application only) or PSOP-8 (24V application only)
package. The AM4952 is available in MSOP-10
package.
Features
BTL Output Single-phase Full-wave Linear
Drive (Gain Resistor=1k to 360k
Ω, Gain=51dB)
Support Low-voltage Drive and Feature a Wide
Usable Voltage Range (2.2V to 24V)
Low Saturation Output (High Side and Low Side
Saturation Voltage): VSAT_TOTAL=1.2V (typical,
IOUT=200mA)
Built-in Lock Protection and Automatic Restart
Circuits
Built-in FG/RD Output
Built-in Hall Sensor Bias (AM4952 Only,
VHB=1.5V)
Thermal Protection Circuit
Small-sized, High Thermal Capacity Package
FG Output (AM4951), RD Output (AM4951R),
FG and RD Output (AM4952)
Applications
Notebook, Personal Computers
Power Supplies in Consumer Electronics, Car
Audio and Office Peripherals
CPU Cooling Systems
MSOP-8
PSOP-8
MSOP-10
Figure 1. Package Types of AM4951/R/2


同様の部品番号 - AM4951MP-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AM4951MP-G1 BCDSEMI-AM4951MP-G1 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MP-G1 BCDSEMI-AM4951MP-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

同様の説明 - AM4951MP-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com