データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV07A データシート(PDF) 5 Page - Diodes Incorporated

部品番号 74LV07A
部品情報  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV07A データシート(HTML) 5 Page - Diodes Incorporated

  74LV07A Datasheet HTML 1Page - Diodes Incorporated 74LV07A Datasheet HTML 2Page - Diodes Incorporated 74LV07A Datasheet HTML 3Page - Diodes Incorporated 74LV07A Datasheet HTML 4Page - Diodes Incorporated 74LV07A Datasheet HTML 5Page - Diodes Incorporated 74LV07A Datasheet HTML 6Page - Diodes Incorporated 74LV07A Datasheet HTML 7Page - Diodes Incorporated 74LV07A Datasheet HTML 8Page - Diodes Incorporated 74LV07A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LV04
Document number: DS35657 Rev. 1 - 2
5 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV07A
Parameter Measurement Information
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz.
C. The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD.
E. tPZL is measured at VM.
D. tPLZ is measured at VOL +Vwhere V= 0.3V.
Figure 1 Load Circuit and Voltage Waveforms


同様の部品番号 - 74LV07A

メーカー部品番号データシート部品情報
logo
Texas Instruments
74LV07A TI-74LV07A Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LV07A NEXPERIA-74LV07A Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07APW NEXPERIA-74LV07APW Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07ATPW NEXPERIA-74LV07ATPW Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results

同様の説明 - 74LV07A

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
   HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com