データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT86S14-13 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 74HCT86S14-13
部品情報  QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT86S14-13 データシート(HTML) 1 Page - Diodes Incorporated

  74HCT86S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74HCT86
Document number: DS35335 Rev. 3 - 2
1 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT86
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Description
The 74HCT86 provides provides four independent 2-input exclusive
OR gates with standard push-pull outputs. The device is designed for
operation with a power supply range of 4.5V to 5.5V.
The gates perform the Boolean function:
B
A
Y
=
or
B
A
B
A
Y
+
=
Features
Wide Supply Voltage Range from 4.5V to 5.5V
Pin Compatible with Low Power Schottky (LSTTL)
Inputs Are TTL Voltage Level Compatible
Sinks or Sources 4mA at VCC = 4.5V
CMOS Low Power Consumption
Schmitt Trigger Action at All Inputs
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Range of Package Options SO-14 and TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Pin Assignments
Applications
General Purpose Logic
Wide array of products such as:
PCs, networking, notebooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


同様の部品番号 - 74HCT86S14-13

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT86 PHILIPS-74HCT86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Silicon Supplies
74HCT86 SS-74HCT86 Datasheet
606Kb / 5P
   High Speed CMOS TTL Input
74HCT86 SS-74HCT86 Datasheet
537Kb / 5P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT86 NEXPERIA-74HCT86 Datasheet
229Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 13 September 2021
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results

同様の説明 - 74HCT86S14-13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LV86A DIODES-74LV86A Datasheet
306Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74HC86 DIODES-74HC86 Datasheet
299Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74AHCT32 DIODES-74AHCT32 Datasheet
289Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
logo
Texas Instruments
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com