データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC00S14 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 74HC00S14
部品情報  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC00S14 データシート(HTML) 5 Page - Diodes Incorporated

  74HC00S14 Datasheet HTML 1Page - Diodes Incorporated 74HC00S14 Datasheet HTML 2Page - Diodes Incorporated 74HC00S14 Datasheet HTML 3Page - Diodes Incorporated 74HC00S14 Datasheet HTML 4Page - Diodes Incorporated 74HC00S14 Datasheet HTML 5Page - Diodes Incorporated 74HC00S14 Datasheet HTML 6Page - Diodes Incorporated 74HC00S14 Datasheet HTML 7Page - Diodes Incorporated 74HC00S14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HC00
Document number: DS35319 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HC00
Parameter Measurement Information
Vcc
Inputs
VM
CL
VI
tr/tf
2.0V to 6.0V
VCC
6ns
VCC/2
15pF,50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes: A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz
C. Inputs are measured separately one transition per measurement
D. tPLH and tPHL are the same as tPD
Figure 1 Load Circuit and Voltage Waveforms


同様の部品番号 - 74HC00S14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC00 PHILIPS-74HC00 Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Silicon Supplies
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results

同様の説明 - 74HC00S14

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com