データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC00T14 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 74HC00T14
部品情報  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC00T14 データシート(HTML) 1 Page - Diodes Incorporated

  74HC00T14 Datasheet HTML 1Page - Diodes Incorporated 74HC00T14 Datasheet HTML 2Page - Diodes Incorporated 74HC00T14 Datasheet HTML 3Page - Diodes Incorporated 74HC00T14 Datasheet HTML 4Page - Diodes Incorporated 74HC00T14 Datasheet HTML 5Page - Diodes Incorporated 74HC00T14 Datasheet HTML 6Page - Diodes Incorporated 74HC00T14 Datasheet HTML 7Page - Diodes Incorporated 74HC00T14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74HC00
Document number: DS35319 Rev. 3 - 2
1 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HC00
QUADRUPLE 2-INPUT NAND GATES
Description
The 74HC00 provides provides four independent 2-input NAND gates
with standard push-pull outputs. The device is designed for operation
with a power supply range of 2.0V to 6.0V.
The gates perform the Boolean function:
B
A
Y
=
or
B
A
Y
+
=
Features
Wide Supply Voltage Range from 2.0V to 6.0V
Sinks or Sources 4mA at VCC = 4.5V
CMOS Low Power Consumption
Schmitt Trigger Action at All Inputs
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Range of Package Options SO-14 and TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Pin Assignments
Applications
General Purpose Logic
Wide array of products such as:
PCs, Networking, Notebooks, Netbooks
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


同様の部品番号 - 74HC00T14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC00 PHILIPS-74HC00 Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Silicon Supplies
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results

同様の説明 - 74HC00T14

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com