データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP2G06FW4-7 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74AUP2G06FW4-7
部品情報  DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G06FW4-7 データシート(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP2G06FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP2G06FW4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AUP2G06
Document number: DS35510 Rev. 4 - 2
6 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G06
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
12.8
ns
1.2V ± 0.1V
2.6
5.8
11.3
2.3
12.5
2.3
15.9
1.5V ± 0.1V
1.8
3.6
6.4
1.6
7.4
1.6
8.2
1.8V ± 0.15V
1.5
2.9
5
1.4
5.9
1.4
6.5
2.5V ± 0.2V
1.2
2.4
3.9
1.1
4.5
1.1
5
3.3V ± 0.3V
0.9
3
3.5
0.8
3.9
0.8
4.3
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
14.5
ns
1.2V ± 0.1V
3.1
7
13.4
2.9
15.1
2.9
19.2
1.5V ± 0.1V
2.3
4.8
7.5
2.1
8.7
2.1
10.5
1.8V ± 0.15V
2
3.8
4.8
1.8
7
1.8
7.7
2.5V ± 0.2V
1.6
3.1
4.6
1.5
5.4
1.5
6
3.3V ± 0.3V
1.2
4.3
4.9
1.1
5.4
1.1
5.9
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
16.2
ns
1.2V ± 0.1V
3.5
8.2
14.3
3.3
17.4
3.3
22.5
1.5V ± 0.1V
2.6
6.2
8.6
2.4
10.5
2.4
13.7
1.8V ± 0.15V
2.3
5
6.7
2.1
8
2.1
9.8
2.5V ± 0.2V
2.1
3.9
5.1
1.8
6.1
1.8
6.8
3.3V ± 0.3V
1.6
5.6
6.4
1.4
7.1
1.4
7.8
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
19.8
ns
1.2V ± 0.1V
4.8
9.8
18.4
4.4
18.4
4.4
25.8
1.5V ± 0.1V
3.6
8.2
13.9
3.2
13.9
3.2
18
1.8V ± 0.15V
3.2
7.8
12.2
2.9
12.2
2.9
15.2
2.5V ± 0.2V
2.4
7.5
9.9
2.6
9.9
2.6
11.4
3.3V ± 0.3V
1.8
9.2
10.6
2.1
11.6
2.1
12.8


同様の部品番号 - 74AUP2G06FW4-7

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
More results

同様の説明 - 74AUP2G06FW4-7

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G06 PHILIPS-74LVC2G06 Datasheet
84Kb / 14P
   Inverters with open-drain outputs
2004 Sep 10
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com