データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFA10F-3R3-Y データシート(PDF) 2 Page - RSG Electronic Components GmbH

部品番号 LFA10F-3R3-Y
部品情報  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RSG [RSG Electronic Components GmbH]
ホームページ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LFA10F-3R3-Y データシート(HTML) 2 Page - RSG Electronic Components GmbH

  LFA10F-3R3-Y Datasheet HTML 1Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 2Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 3Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 4Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 5Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 6Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 7Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 8Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 9Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LFA-3
LFA10F
External view
Block diagram
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1-V
2+V
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2
1-1123723-2
1-1123722-2
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Tolerance : ±1 [±0.04]
¶ Weight : 55g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque (Mounting hole of chassis) : 0.6N
-m (6.3kgf-cm) max
Standard type
1
3
5
FG
2
1
CN2
CN1
Point A
Point B
Output(+)
Output(-)
Voltage adjust
(LFA10F-3R3-Y or optional)
2-
f3.5
Mounting Hole
Input(N)
Input(L)
Name plate
¶1 Surface mount device
PCB t=1.6
63.5
±0.5
5
73.5
f3.5
4-M3
Mounting Hole
f3.5
2-M3
Mounting Hole
Output(+)
Output(-)
FG
Input(L)
Input(N)
CN1
CN2
1
2
5
3
1
Chassis and cover type
93.5
5
83.5 ±0.5
5
83.5 ±0.5
¶1
4.6
FG
[0.2]
[2.89]
[0.18]
[0.2]
[0.2]
[3.68]
[2.5]
[3.29]
[3.29]
AC IN
85
264V
NOISE
FILTER
CONTROL
INVERTER
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
DC OUT
FG
TRANSFORMER
CONTROL
FUSE
AC250V
2A
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
LFA


同様の部品番号 - LFA10F-3R3-Y

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LFA10F-3R3-Y ETC2-LFA10F-3R3-Y Datasheet
565Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

同様の説明 - LFA10F-3R3-Y

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com