データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFA50F-12 データシート(PDF) 9 Page - RSG Electronic Components GmbH

部品番号 LFA50F-12
部品情報  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RSG [RSG Electronic Components GmbH]
ホームページ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LFA50F-12 データシート(HTML) 9 Page - RSG Electronic Components GmbH

Back Button LFA50F-12 Datasheet HTML 5Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 6Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 7Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 8Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 9Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 10Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 11Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 12Page - RSG Electronic Components GmbH LFA50F-12 Datasheet HTML 13Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LFA-10
LFA75F
AC-DC Power Supplies Open Frame/ Enclosed type
LF
A
75
F
-
-
Ordering information
1
2
3
4
5
6
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional
C : with Coating
G : Low leakage current
J1: VH(J.S.T.)connector type
S : with Chassis
SN: with Chassis & cover
Y: with Potentiometer
Specification is changed at
option, refer to Instruction
Manual.
This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care.
MODEL
LFA75F-3R3-Y LFA75F-5
LFA75F-12
LFA75F-15
LFA75F-24
LFA75F-36
LFA75F-48
MAX OUTPUT WATTAGE[W]
49.5
75
75.6
75
76.8
75.6
76.8
DC OUTPUT
3.3V 15A
5V 15A
12V 6.3A
15V 5A
24V 3.2A
36V 2.1A
48V 1.6A
SPECIFICATIONS
MODEL
LFA75F-3R3-Y LFA75F-5
LFA75F-12
LFA75F-15
LFA75F-24
LFA75F-36
LFA75F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f (Refer to Instruction Manual 1.1 and 3.2) *3
CURRENT[A]
ACIN 100V 0.70typ (Io=100%) 1.00typ (Io=100%)
ACIN 200V 0.40typ (Io=100%) 0.50typ (Io=100%)
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 73.5typ
78.0typ
81.5typ
81.5typ
82.5typ
82.5typ
82.5typ
ACIN 200V 75.0typ
80.0typ
83.0typ
83.0typ
84.5typ
84.5typ
84.5typ
POWER FACTOR (Io=100%)
ACIN 100V 0.96typ
0.97typ
ACIN 200V 0.83typ
0.90typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%) (At cold start) (Ta=25C)
ACIN 200V 30typ (Io=100%) (At cold start) (Ta=25C)
LEAKAGE CURRENT[mA]
0.40 / 0.75max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60950-1 and DEN-AN)
OUTPUT
VOLTAGE[V]
3.3
5
12
15
24
36
48
CURRENT[A]
15.0
15.0
6.3
5.0
3.2
2.1
1.6
LINE REGULATION[mV]
*4 20max
20max
48max
60max
96max
144max
192max
LOAD REGULATION[mV] *4 40max
40max
100max
120max
150max
240max
240max
RIPPLE[mVp-p]
0 to +50C*1 80max
80max
120max
120max
120max
150max
150max
-10 - 0C *1 140max
140max
160max
160max
160max
200max
200max
RIPPLE NOISE[mVp-p]
0 to +50C*1 120max
120max
150max
150max
150max
250max
250max
-10 - 0C *1 160max
160max
180max
180max
180max
300max
300max
TEMPERATURE REGULATION[mV]
0 to +50C 50max
50max
120max
150max
240max
360max
480max
-10 to +50C 60max
60max
150max
180max
290max
450max
600max
DRIFT[mV]
*2 20max
20max
48max
60max
96max
144max
192max
START-UP TIME[ms]
350typ (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.85 to 3.63
Fixed ( Y option is available for adjusting output voltage between
±10%)
OUTPUT VOLTAGE SETTING[V]
3.30 to 3.40
4.90 to 5.30
11.50 to 12.50
14.40 to 15.60
23.00 to 25.00
34.50 to 37.50
46.00 to 50.00
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
4.00 to 5.25
5.75 to 7.00
13.80 to 16.80
17.25 to 21.00
27.60 to 33.60
41.40 to 50.40
55.20 to 67.20
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Not provided
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 25mA, DC500V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +70
C, 20 - 90%RH (Non condensing) (Refer to Instruction Manual 3.2), 3,000m (10,000feet) max *3
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR-B, EN55011-B, EN55022-B
CE MARKING
Low Voltage Directive, EMC Directive
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 (Class A) *5
OTHERS
CASE SIZE/WEIGHT
50
X33.5X150mm [1.97X1.32X5.91 inches] (WXHXD) / 230g max (without chassis and cover)
COOLING METHOD
Convection (Refer to Instruction Manual 3.1 and 3.2) *3
*1
This is the value that measured on measuring board with capacitor of 22
mF at 150mm
from output terminal.
Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN:
RM103).
*2
Drift is the change in DC output for an eight hour period after a half-hour warm-up at
25
C, with the input voltage held constant at the rated input/output.
*3
Derating is required.
*4
Please contact us about dynamic load and input response.
*5
Please contact us about another class.
*
To meet the specifications. Do not operate over-loaded condition.
*
Parallel operation is not possible.
*
Derating is required when operated with chassis and cover.
*
Sound noise may be generated by power supply in case of pulse load.
Recommended EMI/EMC Filter
NAC-04-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
to connect with several devices.
LFA


同様の部品番号 - LFA50F-12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LFA50F-12 ETC2-LFA50F-12 Datasheet
565Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LFA50F-12 RSG-LFA50F-12 Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

同様の説明 - LFA50F-12

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com