データシートサーチシステム |
|
2SK1986 データシート(PDF) 1 Page - Fuji Electric |
|
2SK1986 データシート(HTML) 1 Page - Fuji Electric |
1 / 2 page 2SK1986-01 N-channel MOS-FET FAP-IIA Series 1000V 3,6Ω 4A 80W > Features > Outline Drawing - High Speed Switching - Low On-Resistance - No Secondary Breakdown - Low Driving Power - High Voltage - VGS = ± 30V Guarantee - Avalanche Proof > Applications - Switching Regulators - UPS - DC-DC converters - General Purpose Power Amplifier > Maximum Ratings and Characteristics > Equivalent Circuit - Absolute Maximum Ratings (TC=25°C), unless otherwise specified Item Symbol Rating Unit Drain-Source-Voltage V DS 1000 V Drain-Gate-Voltage (RGS=20K Ω) V DGR 1000 V Continous Drain Current I D 4 A Pulsed Drain Current I D(puls) 16 A Gate-Source-Voltage V GS ±30 V Max. Power Dissipation P D 80 W Operating and Storage Temperature Range T ch 150 °C T stg -55 ~ +150 °C - Electrical Characteristics (TC=25°C), unless otherwise specified Item Symbol Test conditions Min. Typ. Max. Unit Drain-Source Breakdown-Voltage V (BR)DSS ID=1mA VGS=0V 1000 V Gate Threshhold Voltage V GS(th) ID=1mA VDS=VGS 2,5 3,0 3,5 V Zero Gate Voltage Drain Current I DSS VDS=1000V Tch=25°C 10 500 µA VGS=0V Tch=125°C 0,2 1,0 mA Gate Source Leakage Current I GSS VGS=±30V VDS=0V 10 100 nA Drain Source On-State Resistance R DS(on) ID=2A VGS=10V 2,7 3,6 Ω Forward Transconductance g fs ID=2A VDS=25V 2 5 S Input Capacitance C iss VDS=25V 1300 1950 pF Output Capacitance C oss VGS=0V 100 150 pF Reverse Transfer Capacitance C rss f=1MHz 35 55 pF Turn-On-Time ton (ton=td(on)+tr) t d(on) VCC=600V 20 30 ns t r ID=4A 15 25 ns Turn-Off-Time toff (ton=td(off)+tf) t d(off) VGS=10V 85 130 ns t f RGS=10 Ω 20 30 ns Avalanche Capability I AV L = 100µH Tch=25°C 4 A Continous Reverse Drain Current I DR 4 A Pulsed Reverse Drain Current I DRM 16 A Diode Forward On-Voltage V SD IF=2xIDR VGS=0V Tch=25°C 1,1 1,65 V Reverse Recovery Time t rr IF=IDR VGS=0V 400 ns Reverse Recovery Charge Q rr -dIF/dt=100A/µs Tch=25°C 3 µC - Thermal Characteristics Item Symbol Test conditions Min. Typ. Max. Unit Thermal Resistance R th(ch-a) channel to air 75 °C/W R th(ch-c) channel to case 1,56 °C/W Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX - 75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com |
同様の部品番号 - 2SK1986 |
|
同様の説明 - 2SK1986 |