データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7456TRPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7456TRPBF
部品情報  High Frequency DC-DC Converters with Synchronous Rectification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7456TRPBF データシート(HTML) 1 Page - International Rectifier

  IRF7456TRPBF Datasheet HTML 1Page - International Rectifier IRF7456TRPBF Datasheet HTML 2Page - International Rectifier IRF7456TRPBF Datasheet HTML 3Page - International Rectifier IRF7456TRPBF Datasheet HTML 4Page - International Rectifier IRF7456TRPBF Datasheet HTML 5Page - International Rectifier IRF7456TRPBF Datasheet HTML 6Page - International Rectifier IRF7456TRPBF Datasheet HTML 7Page - International Rectifier IRF7456TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
08/08/08
IRF7456PbF
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC Converters
with Synchronous Rectification
Benefits
Applications
l Ultra-Low RDS(on) at 4.5V VGS
l Low Charge and Low Gate Impedance to
Reduce Switching Losses
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
20V
0.0065
16A
Typical SMPS Topologies
l Telecom 48V Input Converters with Logic-Level Driven Synchronous Rectifiers
PD - 95249A
Notes  through „ are on page 8
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
16
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

130
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
50
°C/W
Thermal Resistance
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
l Lead-Free


同様の部品番号 - IRF7456TRPBF

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
IRF7456TR UMW-IRF7456TR Datasheet
548Kb / 8P
   30V N-Channel MOSFET
More results

同様の説明 - IRF7456TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFBL3703 IRF-IRFBL3703 Datasheet
103Kb / 8P
   Synchronous Rectification in High Power High Frequency DC/DC Converters
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com