データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6555 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6555
部品情報  LMH6555 Low Distortion 1.2 GHz Differential Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6555 データシート(HTML) 11 Page - Texas Instruments

Back Button LMH6555 Datasheet HTML 7Page - Texas Instruments LMH6555 Datasheet HTML 8Page - Texas Instruments LMH6555 Datasheet HTML 9Page - Texas Instruments LMH6555 Datasheet HTML 10Page - Texas Instruments LMH6555 Datasheet HTML 11Page - Texas Instruments LMH6555 Datasheet HTML 12Page - Texas Instruments LMH6555 Datasheet HTML 13Page - Texas Instruments LMH6555 Datasheet HTML 14Page - Texas Instruments LMH6555 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VIN+
ADC081000/
ADC081500
VCMO
SPI
RG1
RG2
RF1
RF2
LMH6555
VCM_REF
VOUT+
VOUT = 0.8 VPP
VIN-
VIN
a
+
-
RS1
50:
RS2
50:
RT2
50:
RT1
50:
340 mVPP
-
+
OPT
LMV321
3.3V
OPT
LMH6555
www.ti.com
SNOSAJ1C – NOVEMBER 2006 – REVISED MARCH 2011
APPLICATION INFORMATION
See DEFINITION OF TERMS AND SPECIFICATIONS (ALPHABETICAL ORDER) for definition of terms used.
GENERAL
The LMH6555 consists of three individual amplifiers:
1. VOUT
+ driver
2. VOUT
driver
3. The common mode amplifier
Being a differential amplifier, the LMH6555 will not respond to the common mode input (as long as it is within its
input common mode range) and instead the output common mode is forced by the built-in common mode
amplifier with VCM_REF as its input. As shown, in Figure 23 below, the VCMO output of most differential high speed
ADC’s is tied to the VCM_REF input of the LMH6555 for direct output common mode control. In some cases, the
output drive capability of the ADC VCMO output may need an external buffer, as shown, to increase its current
capability in order to drive the VCM_REF pin. The Electrical Characteristics Table shows the gain (Gain_VCM_REF)
and the offset (VOS_CM) from the VCM_REF to the device output common mode.
Figure 23. Single Ended to Differential Conversion
The single ended input and output impedances of the LMH6555 I/O pins are close to 50
Ω as specified in
Electrical Characteristics Table (RIN and RO). With differential input drive, the differential input impedance
(RIN_DIFF) is close to 78Ω.
The device nominal input common mode voltage (VI_CM) is close to 0.3V when RS1 and RS2 of Figure 23 are
open. Thus, the input source will experience a DC current with 0V input. Because of this, the differential output
offset voltage is influenced by the matching between RS1 and RS2. So, in a single ended input condition, if the
signal source is AC coupled to one input, the undriven input needs to also be AC coupled in order to cancel the
output offset voltage (VOOS).
In applications where low output offset is required, it is possible to inject some current to the appropriate input
(VIN
+ or V
IN
) as an effective method of trimming the output offset voltage of the LMH6555. This is explained later
in this document. The nominal value of RS1 and RS2 will also affect the insertion gain (AV_DIFF). The LMH6555 can
also be used with the input AC coupled through equal valued DC blocking capacitors (C) in series with VIN
+ and
VIN
. In this case, the coupling capacitors need to be large enough to not block the low frequency content. The
lower cutoff frequency will be 1/(
πREQC)Hz with REQ= RS1+ RS2 + RIN_DIFF where RIN_DIFF ≈ 78Ω.
The single ended output impedance of the LMH6555 is 50
Ω. The LMH6555 Electrical Characteristics shows the
device performance with 100
Ω differential output load, as would be the case if a device such as the ADC081000/
ADC081500 (single/ dual ADC) were being driven.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6555


同様の部品番号 - LMH6555

メーカー部品番号データシート部品情報
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555SQ INTERSIL-LMH6555SQ Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQ/NOPB TI1-LMH6555SQ/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
More results

同様の説明 - LMH6555

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com