データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6555SQENOPB データシート(PDF) 8 Page - Texas Instruments

部品番号 LMH6555SQENOPB
部品情報  LMH6555 Low Distortion 1.2 GHz Differential Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6555SQENOPB データシート(HTML) 8 Page - Texas Instruments

Back Button LMH6555SQENOPB Datasheet HTML 4Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 5Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 6Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 7Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 8Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 9Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 10Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 11Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
12.5
13
14
14.5
AV_DIFF (dB)
0
5
10
15
25
30
35
20
13.5
VS = 3.3V
'VIN = 160 mV
0
20 40 60 80 100 120 140 160 180 200
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
|VIN (mV)|
25°C
85°C
AV_DIFF NORMALIZED
to VIN = 160 mV @ 25°C
-40°C
-25
-20
-15
-10
-5
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SINGLE TONE POUT (dBm)
f _CENTER = 1 GHz
SINGLE-ENDED INPUT
RL = 100: (DIFFERENTIAL)
0 dBm = 894 mVPP
-0.3
0.2
0.7
1.2
1.7
2.2
-0.02
-0.01
0
0.01
0.02
0.03
0.04
VI_CM (V)
77
78
79
80
81
82
83
0
1
1.5
2
2.5
3
3.5
TIME (ns)
-4
-2
0
2
4
0.5
+1%
-1%
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
HD2
HD3
RL = 100:
VOUT = 800 mVPP (DIFFERENTIAL)
SINGLE ENDED INPUT
LMH6555
SNOSAJ1C – NOVEMBER 2006 – REVISED MARCH 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, RS1 = RS2 = 50Ω, VS = 3.3V, RL = 100Ω differential, VOUT = 0.8 VPP. See DEFINITION OF TERMS
AND SPECIFICATIONS (ALPHABETICAL ORDER) for definition of terms used throughout the datasheet.
Harmonic Distortion
vs.
Step Response Settling Time
Frequency
Figure 9.
Figure 10.
AV_DIFF & RIN_DIFF
vs.
3rd Order Intermodulation Distortion
VI_CM
Figure 11.
Figure 12.
Insertion Gain Variation
vs.
Insertion Gain Distribution
Input Amplitude
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LMH6555


同様の部品番号 - LMH6555SQENOPB

メーカー部品番号データシート部品情報
logo
Intersil Corporation
LMH6555SQE INTERSIL-LMH6555SQE Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQE/NOPB TI1-LMH6555SQE/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
More results

同様の説明 - LMH6555SQENOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com