データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6629 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6629
部品情報  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 データシート(HTML) 11 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments LMH6629 Datasheet HTML 10Page - Texas Instruments LMH6629 Datasheet HTML 11Page - Texas Instruments LMH6629 Datasheet HTML 12Page - Texas Instruments LMH6629 Datasheet HTML 13Page - Texas Instruments LMH6629 Datasheet HTML 14Page - Texas Instruments LMH6629 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
20
40
60
80
100
Av (V/V)
-65
-70
-75
-80
-85
-90
-95
1 MHz
HD2
HD3
Vout = 2Vpp
Av < 10V/V: COMP Pin = LO
0
20
40
60
80
100
Av (V/V)
-60
-65
-70
-75
-80
-85
-90
-95
1 MHz
HD2
HD3
Vout = 2Vpp
1.0
1.5
2.0
2.5
3.0
Vo (Vpp)
-85
-90
-95
-100
1 MHz
HD2
HD3
1.0
1.5
2.0
2.5
3.0
Vo (Vpp)
-80
-85
-90
-95
-100
-105
1 MHz
HD2
HD3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vo (Vpp)
-50
-60
-70
-80
-90
-100
-110
20 MHz
HD2
HD3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vo (Vpp)
-60
-70
-80
-90
-100
-110
20 MHz
HD2
HD3
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240Ω, RL = 100Ω, VO = 2VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and SOT-
23-5 packages (unless specifically noted).
Distortion
Distortion
vs.
vs.
Swing,
Swing,
WSON-8 Package
SOT-23-5 Package
Figure 22.
Figure 23.
Distortion
Distortion
vs.
vs.
Swing,
Swing,
WSON-8 Package
SOT-23-5 Package
Figure 24.
Figure 25.
Distortion
Distortion
vs.
vs.
Gain,
Gain,
WSON-8 Package
SOT-23-5 Package
Figure 26.
Figure 27.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6629


同様の部品番号 - LMH6629

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
LMH6629 NSC-LMH6629 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI-LMH6629 Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MDC TI-LMH6629MDC Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629MF NSC-LMH6629MF Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
More results

同様の説明 - LMH6629

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI-LMH6629_15 Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
   Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com