データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV852MMXNOPB データシート(PDF) 8 Page - Texas Instruments

部品番号 LMV852MMXNOPB
部品情報  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV852MMXNOPB データシート(HTML) 8 Page - Texas Instruments

Back Button LMV852MMXNOPB Datasheet HTML 4Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 5Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 6Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 7Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 8Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 9Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 10Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 11Page - Texas Instruments LMV852MMXNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SUPPLY VOLTAGE (V)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
-50
-25
0
25
50
75
100
125
3.3V
5.0V
SUPPLY VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
0.2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 85°C
VCM (V)
500
400
300
200
100
0
-100
-200
-300
-400
-500
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 125°C
LMV851, LMV852, LMV854
SNOSAW1 – OCTOBER 2007
www.ti.com
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, VS = 3.3V, unless otherwise specified.
Input Bias Current
Input Bias Current
vs.
vs.
VCM at 85°C
VCM at 125°C
Supply Current
Supply Current
vs.
vs.
Supply Voltage Single LMV851
Supply Voltage Dual LMV852
Supply Current
Supply Current
vs.
vs.
Supply Voltage Quad LMV854
Temperature Single LMV851
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMV851 LMV852 LMV854


同様の部品番号 - LMV852MMXNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV852MMX NSC-LMV852MMX Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV852MMX/NOPB TI1-LMV852MMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

同様の説明 - LMV852MMXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com