データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7478QTRPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7478QTRPBF
部品情報  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7478QTRPBF データシート(HTML) 2 Page - International Rectifier

  IRF7478QTRPBF Datasheet HTML 1Page - International Rectifier IRF7478QTRPBF Datasheet HTML 2Page - International Rectifier IRF7478QTRPBF Datasheet HTML 3Page - International Rectifier IRF7478QTRPBF Datasheet HTML 4Page - International Rectifier IRF7478QTRPBF Datasheet HTML 5Page - International Rectifier IRF7478QTRPBF Datasheet HTML 6Page - International Rectifier IRF7478QTRPBF Datasheet HTML 7Page - International Rectifier IRF7478QTRPBF Datasheet HTML 8Page - International Rectifier IRF7478QTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7478QPbF
2
www.irf.com
END OF LIFE
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
17
––– –––
S
VDS = 50V, ID = 4.2A
Qg
Total Gate Charge
–––
21
31
ID = 4.2A
Qgs
Gate-to-Source Charge
–––
4.3
–––
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.6
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
7.7
–––
VDD = 30V
tr
Rise Time
–––
2.6
–––
ID = 4.2A
td(off)
Turn-Off Delay Time
–––
44
–––
RG = 6.2
Ω
tf
Fall Time
–––
13
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
1740 –––
VGS = 0V
Coss
Output Capacitance
–––
300 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
37
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1590 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
220 –––
VGS = 0V, VDS = 48V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
410 –––
VGS = 0V, VDS = 0V to 48V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS = 4.2A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 25°C, IF = 4.2A
Qrr
Reverse RecoveryCharge
––– 100
150
nC
di/dt = 100A/μs
ƒ
Diode Characteristics
2.3
56
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
––– –––
V
VGS = 0V, ID = 250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.065 –––
V/°C
Reference to 25°C, ID = 1mA
–––
20
26
VGS = 10V, ID = 4.2A
ƒ
–––
23
30
VGS = 4.5V, ID = 3.5A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250μA
–––
–––
20
μA
VDS = 48V, VGS = 0V
–––
––– 100
VDS = 48V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Ω
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
140
mJ
IAR
Avalanche Current

–––
4.2
A


同様の部品番号 - IRF7478QTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7478QPBF IRF-IRF7478QPBF Datasheet
214Kb / 8P
   SMPS MOSFET
More results

同様の説明 - IRF7478QTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com