データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD020-00 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 AD020-00
部品情報  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD020-00 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  AD020-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Appendix
- 134 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Recommended Solder Reflow Profile
NVE recommends the following soldering profile
:
300
For leaded (Pb) parts, the peak temperature shown in this profile can be decreased to as low as 230°C.
Exceeding 265°C at peak or the time at peak temperature shown in this profile can damage the parts.
Specifically:
1.
AA- and AD-Series sensors are rated at 150°C maximum storage temperature. They can withstand
the solder profile shown above with no harmful effects. However, temperatures above 265°C for
even a brief period or extended periods above 160°C can cause degradation of the GMR sensor
element.
2.
AKL- and DD-Series parts contain an on-chip EEPROM. Exposure to temperatures in excess of
265°C can cause EEPROM data corruption, which will cause the parts to fall out of specification.


同様の部品番号 - AD020-00

メーカー部品番号データシート部品情報
logo
RHOPOINT COMPONENTS
AD020-00 RHOPOINT-AD020-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

同様の説明 - AD020-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com