データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD120-00 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 AD120-00
部品情報  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD120-00 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD120-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD120-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Appendix
- 136 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Magnet drawings for the two round disc magnets included in the GT Sensor evaluation kits are given
below. These magnets are available from NVE as production parts. Contact NVE for pricing and
delivery information. In addition, NVE can have custom magnets built for specific applications in
Ceramic 8 or Alnico 8 materials. Please contact NVE for more details.
Magnet Part Number
Diameter (mm)
Length (mm)
12216
6
4
12217
3.5
4
N
Note: All Dimensions in mm.
N
Ceramic 8 Disc Magnets
S
S


同様の部品番号 - AD120-00

メーカー部品番号データシート部品情報
logo
AMIC Technology
AD120 AMICC-AD120 Datasheet
147Kb / 13P
   3-Level / 258 Outputs TFT LCD Gate Driver
logo
List of Unclassifed Man...
AD12025 ETC2-AD12025 Datasheet
142Kb / 1P
   AD12025 SERIES
logo
Sparkle Power Inc.
AD120ABAN2-745106 SPI-AD120ABAN2-745106 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
AD120ABBN2-J25R SPI-AD120ABBN2-J25R Datasheet
48Kb / 1P
   High efficiency and reliability
AD120ACA-D12 SPI-AD120ACA-D12 Datasheet
54Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
More results

同様の説明 - AD120-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com