データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ8.5A データシート(PDF) 1 Page - StarHope

部品番号 SMAJ8.5A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ8.5A データシート(HTML) 1 Page - StarHope

  SMAJ8.5A Datasheet HTML 1Page - StarHope SMAJ8.5A Datasheet HTML 2Page - StarHope SMAJ8.5A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts
400 Watt Peak Pulse Power
UNI-POLAR
BI-POLAR
UNI
BI
SMAJ5.0 A
SMAJ5.0CA
AE
WE
5.0
6.40
7.00
10
9.2
43.5
500
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67
7.37
10
10.3
38.8
500
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22
7.98
10
11.2
35.7
300
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78
8.60
10
12.0
33.3
200
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33
9.21
1
12.9
31.0
100
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89
9.83
1
13.6
29.4
5
0
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.40
1
14.4
27.8
20
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.00
11.10
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
AX
WX
10.0
11.10
12.30
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
AZ
WZ
11.0
12.20
13.50
1
18.2
22.0
1
SMAJ12A
SMAJ12CA
BE
XE
12.0
13.30
14.70
1
19.9
20.1
1
SMAJ13A
SMAJ13CA
BG
XG
13.0
14.40
15.90
1
21.5
18.6
1
SMAJ14A
SMAJ14CA
BK
XK
14.0
15.60
17.20
1
23.2
17.2
1
SMAJ15A
SMAJ15CA
BM
XM
15.0
16.70
18.50
1
24.4
16.4
1
SMAJ16A
SMAJ16CA
BP
XP
16.0
17.80
19.70
1
26.0
15.4
1
SMAJ17A
SMAJ17CA
BR
XR
17.0
18.90
20.90
1
27.6
14.5
1
SMAJ18A
SMAJ18CA
BT
XT
18.0
20.00
22.10
1
29.2
13.7
1
SMAJ20A
SMAJ20CA
BV
XV
20.0
22.20
24.50
1
32.4
12.3
1
SMAJ22A
SMAJ22CA
BX
XY
22.0
24.40
26.90
1
35.5
11.3
1
SMAJ24A
SMAJ24CA
BZ
XZ
24.0
26.70
29.50
1
38.9
10.3
1
SMAJ26A
SMAJ26CA
CE
YE
26.0
28.90
31.90
1
42.1
9.5
1
SMAJ28A
SMAJ28CA
CG
YG
28.0
31.10
34.40
1
45.4
8.8
1
SMAJ30A
SMAJ30CA
CK
YK
30.0
33.30
36.80
1
48.4
8.3
1
SMAJ33A
SMAJ33CA
CM
YM
33.0
36.70
40.60
1
53.3
7.5
1
SMAJ36A
SMAJ36CA
CP
YP
36.0
40.00
44.20
1
58.1
6.9
1
SMAJ40A
SMAJ40CA
CR
YR
40.0
44.40
49.10
1
64.5
6.2
1
SMAJ43A
SMAJ43CA
CT
YT
43.0
47.80
52.80
1
69.4
5.8
1
SMAJ45A
SMAJ45CA
CV
YV
45.0
50.00
55.30
1
72.7
5.5
1
SMAJ48A
SMAJ48CA
CX
YX
48.0
53.30
58.90
1
77.4
5.2
1
SMAJ51A
SMAJ51CA
CZ
YZ
51.0
56.70
62.70
1
82.4
4.9
1
SMAJ54A
SMAJ54CA
RE
ZE
54.0
60.00
66.30
1
87.1
4.6
1
SMAJ58A
SMAJ58CA
RG
ZG
58.0
64.40
71.20
1
93.6
4.3
1
SMAJ60A
SMAJ60CA
RK
ZK
60.0
66.70
73.70
1
96.8
4.1
1
SMAJ64A
SMAJ64CA
RM
ZM
64.0
71.10
78.60
1
103.0
3.9
1
SMAJ70A
SMAJ70CA
RP
ZP
70.0
77.80
86.00
1
113.0
3.5
1
SMAJ75A
SMAJ75CA
RR
ZR
75.0
83.30
92.10
1
121.0
3.3
1
SMAJ78A
SMAJ78CA
RT
ZT
78.0
86.70
95.80
1
126.0
3.2
1
SMAJ85A
SMAJ85CA
RV
ZV
85.0
94.40
104.00
1
137.0
2.9
1
SMAJ90A
SMAJ90CA
RX
ZX
90.0
100.00
111.00
1
146.0
2.7
1
SMAJ100A SMAJ100CA
RZ
ZZ
100.0
111.00
123.00
1
162.0
2.5
1
SMAJ110A SMAJ110CA
SE
VE
110.0
122.00
135.00
1
177.0
2.3
1
SMAJ120A SMAJ120CA SG
VG
120.0
133.00
147.00
1
193.0
2.1
1
SMAJ130A SMAJ130CA
SK
VK
130.0
144.00
159.00
1
209.0
1.9
1
SMAJ150A SMAJ150CA SM
VM
150.0
167.00
185.00
1
243.0
1.6
1
SMAJ160A SMAJ160CA
SP
VP
160.0
178.00
197.00
1
259.0
1.5
1
SMAJ170A SMAJ170CA
SR
VR
170.0
189.00
209.00
1
275.0
1.5
1
SMAJ180A SMAJ180CA
ST
VT
180.0
201.00
222.00
1
292.0
1.4
1
SMAJ200A SMAJ200CA
SV
VV
200.0
224.00
247.00
1
324.0
1.2
1
SMAJ220A SMAJ220CA
SX
VX
220.0
246.00
272.00
1
356.0
1.1
1
SMAJ250A SMAJ250CA
SZ
VZ
250.0
279.00
309.00
1
405.0
1.0
1
SMAJ300A SMAJ300CA
TE
UE
300.0
335.00
371.00
1
486.0
0.8
1
SMAJ350A SMAJ350CA
TG
UG
350.0
391.00
432.00
1
567.0
0.7
1
SMAJ400A SMAJ400CA
TK
UK
400.0
447.00
494.00
1
648.0
0.6
1
SMAJ440A SMAJ440CA TM
UM
440.0
492.00
543.00
1
713.0
0.6
1
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ±5%
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
V
BR(V)
MIN.@IT
REVERSE
LEAKAGE
@ V
RWM
IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
SMAJ
PART NUMBER
DEVICE
MARKING
CODE
标注为常用型号
Stand for commonly used models
" * "
" * "
*
*
*
*
*
*
*
*
*
*
*
*
SMAJ(400W) Series
01 | www.spsemi.cn
REV.2014.05.01


同様の部品番号 - SMAJ8.5A

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
SMAJ8.5A MERITEK-SMAJ8.5A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ8.5A SOCAY-SMAJ8.5A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ8.5A JGD-SMAJ8.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
SMAJ8.5A BOURNS-SMAJ8.5A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMAJ8.5A LUGUANG-SMAJ8.5A Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

同様の説明 - SMAJ8.5A

メーカー部品番号データシート部品情報
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com