データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4562MANOPB データシート(PDF) 8 Page - Texas Instruments

部品番号 LM4562MANOPB
部品情報  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MANOPB データシート(HTML) 8 Page - Texas Instruments

Back Button LM4562MANOPB Datasheet HTML 4Page - Texas Instruments LM4562MANOPB Datasheet HTML 5Page - Texas Instruments LM4562MANOPB Datasheet HTML 6Page - Texas Instruments LM4562MANOPB Datasheet HTML 7Page - Texas Instruments LM4562MANOPB Datasheet HTML 8Page - Texas Instruments LM4562MANOPB Datasheet HTML 9Page - Texas Instruments LM4562MANOPB Datasheet HTML 10Page - Texas Instruments LM4562MANOPB Datasheet HTML 11Page - Texas Instruments LM4562MANOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
LM4562
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Frequency
THD+N vs Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 2kΩ
RL = 2kΩ
Figure 16.
Figure 17.
THD+N vs Frequency
THD+N vs Frequency
VCC = 17V, VEE = –17V, VOUT = 3VRMS
VCC = 15V, VEE = –15V, VOUT = 3VRMS
RL = 2kΩ
RL = 600Ω
Figure 18.
Figure 19.
THD+N vs Frequency
THD+N vs Frequency
VCC = 12V, VEE = –12V, VOUT = 3VRMS
VCC = 17V, VEE = –17V, VOUT = 3VRMS
RL = 600Ω
RL = 600Ω
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM4562


同様の部品番号 - LM4562MANOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4562MA NSC-LM4562MA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562MA/NOPB TI1-LM4562MA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562MAX/NOPB TI1-LM4562MAX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

同様の説明 - LM4562MANOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com