データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4930 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4930
部品情報  Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4930 データシート(HTML) 11 Page - Texas Instruments

Back Button LM4930 Datasheet HTML 7Page - Texas Instruments LM4930 Datasheet HTML 8Page - Texas Instruments LM4930 Datasheet HTML 9Page - Texas Instruments LM4930 Datasheet HTML 10Page - Texas Instruments LM4930 Datasheet HTML 11Page - Texas Instruments LM4930 Datasheet HTML 12Page - Texas Instruments LM4930 Datasheet HTML 13Page - Texas Instruments LM4930 Datasheet HTML 14Page - Texas Instruments LM4930 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LM4930
www.ti.com
SNAS212B – MAY 2004 – REVISED SEPTEMBER 2004
Electrical Characteristics DVDD = 3.3V, AVDD = 5V, RLHP = 32Ω, RLHF = 8Ω
(1) (2) (3)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA= 25°C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical (4)
Limits (5)
(6)
fMCLK = 12.288MHz
Output Mode = "0010"
Output Mode = "0011"
2
Output Mode = "0100"
Output Mode = "0101"
DIDD
Digital Power Supply Current
Output Mode = "0110"
4.4
Output Mode = "0111"
Output Mode = "1000"
Output Mode = "1001"
4.9
8
mA (max)
Output Mode = "1010"
fMCLK = 12.288MHz; No Load
Output Mode = "0010"
7.0
Output Mode = "0011"
6.3
Output Mode = "0100"
8.0
Analog Power Supply Quiescent
Output Mode = "0101"
8.2
AIDD
Current
Output Mode = "0110"
7.4
Output Mode = "0111"
8.7
Output Mode = "1000"
Output Mode = "1001"
9.5
14
mA (max)
Output Mode = "1010"
DISD
Digital Powerdown Current
fMCLK = 12.288MHz
1
7
µA (max)
Output Mode = "0000" Powerdown Mode
AISD
Analog Powerdown Current
fMCLK = 12.288MHz
1
2
µA (max)
Output Mode = "0000" Powerdown Mode
DIST
Digital Standby Current
fMCLK = 12.288MHz
1.4
2
mA (max)
Output Mode = "0001" Standby Mode
AIST
Analog Standby Current
fMCLK = 12.288MHz
230
1000
µA (max)
Output Mode = "0001" Standby Mode
VFS_LS
Full-Scale Output Voltage
CLASS = 0; 0dB gain setting; 8
Ω BTL load(7)
2.5
VP-P
(Mono speaker amplifier)
VFS_HP
Full-Scale Output Voltage
0dB gain setting; 32
Ω Stereo Load(7)
2.5
VP-P
(Headphone amplifier)
VMIC_BIAS Mic Bias Voltage
2.0
V
THD+N
Headphone Amplifier Total
fIN = 1 kHz, POUT = 7.5mW; 32Ω Stereo Load
0.07
%
Harmonic Motion Distortion + Noise
POHP
Headphone Amplifier Output Power
THD+N = 0.5%, fOUT = 1kHz
27
20
mW (min)
POLS
Mono Speaker Amplifier Output
THD+N = 1%, fOUT = 1kHz
1
W
Power
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the relevant GND pin unless otherwise specified.
(3)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0 and 3.0V ≤ DVDD ≤ 3.6V. AVDD must be equal to or greater than DVDD. for
proper operation.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
(6)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(7)
This value represents the 0dB output level of the given amplifier for the given analog supply voltage. Gain values given in the
GAINCONFIG register are relative to these full-scale values for each output amplifier.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4930


同様の部品番号 - LM4930

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930ITL NSC-LM4930ITL Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930ITLX/NOPB TI1-LM4930ITLX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

同様の説明 - LM4930

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com