データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4992 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4992
部品情報  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 データシート(HTML) 5 Page - Texas Instruments

  LM4992 Datasheet HTML 1Page - Texas Instruments LM4992 Datasheet HTML 2Page - Texas Instruments LM4992 Datasheet HTML 3Page - Texas Instruments LM4992 Datasheet HTML 4Page - Texas Instruments LM4992 Datasheet HTML 5Page - Texas Instruments LM4992 Datasheet HTML 6Page - Texas Instruments LM4992 Datasheet HTML 7Page - Texas Instruments LM4992 Datasheet HTML 8Page - Texas Instruments LM4992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
THS770012
www.ti.com
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
Test conditions are at TA = +25°C, VS+ = +5V, VOCM = +2.5V, VOUT = 2VPP, RL = 400Ω differential, G = +12dB, differential input
and output, and input and output referenced to midsupply, unless otherwise noted. Measured using evaluation module as
discussed in Test Circuits section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
OUTPUT COMMON-MODE VOLTAGE CONTROL
VOCM small-signal bandwidth
VOUT_CM = 200mVPP
300
MHz
C
VOCM slew rate
VOUT_CM = 500mV step
150
V/
µs
C
VOCM voltage range
Supplied by external source(2)
2.25
2.5
2.75
V
C
VOCM gain
VOCM = 2.5V
0.98
1
1.02
V/V
A
Output common-mode offset
VOCM = 2.5V
–30
±12
30
mV
A
from VOCM input
VOCM input bias current
2.25V
≤ VOCM ≤ 2.75V
–400
±30
400
µA
A
POWER SUPPLY
Specified operating voltage
4.75
5
5.25
V
C
TA = +25°C
85
100
115
mA
A
Quiescent current
TA = –40°C to +85°C
80
125
mA
B
TA = +25°C, VS+ = 5V ±0.25V
60
90
dB
A
Power-supply rejection ratio
TA = –40°C to +85°C, VS+ = 5V ±0.5V
59
dB
B
POWER-DOWN
Enable voltage threshold
Device powers on below 0.5V
0.5
V
A
Disable voltage threshold
Device powers down above 2.0V
2
V
A
Power-down quiescent current
0.8
3
mA
A
Input bias current
80
100
µA
A
Turn-on time delay
Time to VOUT = 90% of final value
10
µs
C
Turn-off time delay
Time to VOUT = 10% of original value
0.15
µs
C
THERMAL CHARACTERISTICS
Specified operating range
–40
+85
°C
C
Thermal resistance,
θJC
(3)
Junction to case (bottom)
8.9
°C/W
C
Thermal resistance,
θJA
(3)
Junction to ambient
44.1
°C/W
C
(2)
Limits set by best harmonic distortion with VOUT = 3VPP. VOCM voltage range can be extended if lower output swing is used or distortion
degradation is allowed, and increased bias current into pin is acceptable. For more information, see Figure 18 and Figure 34.
(3)
Tested using JEDEC High-K test PCB. Thermal management of the final printed circuit board (PCB) should keep the junction
temperature below +125
°C for long term reliability.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS770012


同様の部品番号 - LM4992

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

同様の説明 - LM4992

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com