データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA180A データシート(PDF) 1 Page - StarHope

部品番号 SA180A
部品情報  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

SA180A データシート(HTML) 1 Page - StarHope

  SA180A Datasheet HTML 1Page - StarHope SA180A Datasheet HTML 2Page - StarHope SA180A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSO
STAND-OFF VOLTAGE - 5.0 TO 180 Volts
500 Watt Peak Pulse Power
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
UNI- POLAR
BI-POLAR
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
55.4
120
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
49.5
120
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
45.5
100
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12.0
42.5
100
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
39.5
20
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
37.5
15
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
35.4
10
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
33.1
5
SA10A
SA10CA
10.0
11.10
12.30
1
17.0
30.0
1
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
28.0
1
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.6
1
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.7
1
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
22.0
1
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.9
1
SA16A
SA16CA
16.0
17.80
19.70
1
26.0
19.6
1
SA17A
SA17CA
17.0
18.90
20.90
1
27.6
18.5
1
SA18A
SA18CA
18.0
20.00
22.10
1
29.2
17.5
1
SA20A
SA20CA
20.0
22.20
24.50
1
32.4
15.7
1
SA22A
SA22CA
22.0
24.40
26.90
1
35.5
14.4
1
SA24A
SA24CA
24.0
26.70
29.50
1
38.9
13.1
1
SA26A
SA26CA
26.0
28.90
31.90
1
42.1
12.1
1
SA28A
SA28CA
28.0
31.10
34.40
1
45.4
11.2
1
SA30A
SA30CA
30.0
33.30
36.80
1
48.4
10.5
1
SA33A
SA33CA
33.0
36.70
40.60
1
53.3
9.6
1
SA36A
SA36CA
36.0
40.00
44.20
1
58.1
8.8
1
SA40A
SA40CA
40.0
44.40
49.10
1
64.5
7.9
1
SA43A
SA43CA
43.0
47.80
52.80
1
69.4
7.3
1
SA45A
SA45CA
45.0
50.00
55.30
1
72.7
7.0
1
SA48A
SA48CA
48.0
53.30
58.90
1
77.4
6.6
1
SA51A
SA51CA
51.0
56.70
62.70
1
82.4
6.2
1
SA54A
SA54CA
54.0
60.00
66.30
1
87.1
5.9
1
SA58A
SA58CA
58.0
64.40
71.20
1
93.6
5.4
1
SA60A
SA60CA
60.0
66.70
73.70
1
96.8
5.3
1
SA64A
SA64CA
64.0
71.10
78.60
1
103.0
5.0
1
SA70A
SA70CA
70.0
77.80
86.00
1
113.0
4.5
1
SA75A
SA75CA
75.0
83.30
92.10
1
121.0
4.2
1
SA78A
SA78CA
78.0
86.70
95.80
1
126.0
4.0
1
SA85A
SA85CA
85.0
94.40
104.00
1
137.0
3.7
1
SA90A
SA90CA
90.0
100.00
111.00
1
146.0
3.5
1
SA100A
SA100CA
100.0
111.00
123.00
1
162.0
3.1
1
SA110A
SA110CA
110.0
122.00
135.00
1
177.0
2.9
1
SA120A
SA120CA
120.0
133.00
147.00
1
193.0
2.6
1
SA130A
SA130CA
130.0
144.00
159.00
1
209.0
2.4
1
SA150A
SA150CA
150.0
167.00
185.00
1
243.0
2.1
1
SA160A
SA160CA
160.0
178.00
197.00
1
259.0
2.0
1
SA170A
SA170CA
170.0
189.00
209.00
1
275.0
1.9
1
SA180A
SA180CA
180.0
200.00
233.00
1
289.0
1.7
1
SA
PART NUMBER
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@I
T
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@I
T
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
I
R(µA)
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ±5%
标注为常用型号
Stand for commonly used models
" * "
" * "
*
*
*
*
*
*
*
*
*
*
*
SA(500W) Series
01 | www.spsemi.cn
REV.2014.05.01


同様の部品番号 - SA180A

メーカー部品番号データシート部品情報
logo
Bytes
SA180A BYTES-SA180A Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA180A MERITEK-SA180A Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SA180A UNSEMI-SA180A Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
SA180A LITTELFUSE-SA180A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SA180A RUILON-SA180A Datasheet
848Kb / 7P
   Transient Voltage Suppressors
More results

同様の説明 - SA180A

メーカー部品番号データシート部品情報
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
5KP SPSEMI-5KP Datasheet
677Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com