データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD0520LS-GS08 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SD0520LS-GS08
部品情報  Small Signal Schottky Diode, Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD0520LS-GS08 データシート(HTML) 1 Page - Vishay Siliconix

  SD0520LS-GS08 Datasheet HTML 1Page - Vishay Siliconix SD0520LS-GS08 Datasheet HTML 2Page - Vishay Siliconix SD0520LS-GS08 Datasheet HTML 3Page - Vishay Siliconix SD0520LS-GS08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
SD0520LS
Document Number 85684
Rev. 1.6, 09-Jul-04
Vishay Semiconductors
www.vishay.com
1
19080
12
3
Small Signal Schottky Diode, Dual
Features
• Low forward voltage drop
• Ultrafast switching
• Ideal for hard-disk drive applications
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.8 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Marking
Remarks
SD0520LS
SD0520-GS18 or SD0520-GS08
S20
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Continuous reverse voltage
VR
20
V
Forward current
IF
500
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
5001)
°C/W
Maximum junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C


同様の部品番号 - SD0520LS-GS08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD0520LS VISHAY-SD0520LS Datasheet
67Kb / 3P
   Small Signal Schottky Diode, Dual
Rev. 1.6, 09-Jul-04
More results

同様の説明 - SD0520LS-GS08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD0520LS VISHAY-SD0520LS Datasheet
67Kb / 3P
   Small Signal Schottky Diode, Dual
Rev. 1.6, 09-Jul-04
logo
EIC discrete Semiconduc...
BAS70 EIC-BAS70 Datasheet
163Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
BAT54 EIC-BAT54 Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com