データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 ADP
部品情報  ADP Series Special for LCD Power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

ADP データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  ADP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. ADP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
ADP
A/3-2012
Page 1 of 2
ADP Series Special for LCD Power supply
WIDE INPUT, NON-ISOLATED & REGULATED
SINGLE POSITIVE OR NEGATIVE OUTPUT
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input Voltage(VDC)
Part
Number
Range
Nominal
ON/OFF Function
Output Voltage Characteristic
ADP05C24
No
Negative Voltage output
non-adjustable
ADP05C24A
Yes
Negative Voltage output
adjustable
ADP0524A
Yes
Positive Voltage output
adjustable
ADP0528A
5.0-12
5.0
Yes
Positive Voltage output
adjustable
ON/OFF Function: Refer to recommended circuit.
OUTPUT SPECIFICATIONS
Item
Part Number
Test Conditions
Min
Max
Units
ADP05C24
Vin=5.0-12V, RL=2K
Refer to recommended circuit
-25
-23
ADP05C24A
-25
-6.5*
ADP0524A
6 *
25
Output
Voltage
(Vout)
ADP0528A
Vin=5V, Radj=0-20kΩ,
ON/OFF connect to GND,
Refer to recommended circuit
6 *
30
V
ADP05C24
Vin=5.0-12V, RL =2K,Cout=100μF
Refer to recommended circuit
200
ADP05C24A
200
ADP0524A
200
Ripple&
Noise
ADP0528A
Vin=5-12VDC, RL =2K, Radj =0-20kΩ
ON/OFF connect to GND, Cout=100
μF
Refer to recommended circuit
450
mVp-p
ADP05C24
61
ADP05C24A
60
ADP0524A
61
Efficiency
(
η)
ADP0528A
Vin=5V, RL =2K, Radj =0Ω,
ON/OFF connect to GND,
Refer to recommended circuit
60
%
Note:
*W hen Vin change at 5.0-12V,
adjustable IVoutI (min) will change between 6-12V;
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage Humidity
95
%
Storage Temperature
-40
125
Operating Temp.
Power derating (above 60
°C)
-20
71
Temp. rise at full load
15
Lead Temperature
1.5mm from case for 10 seconds
300
oC
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
1000
K hours
Weight
4.0
g
l Apply to LCD display
l Small footprint, thickness less than
7mm
l Wide input 5 to 12VDC
l Industry standard pinout
l Free air convection
l No heat sink required
l Output voltage adjustable
l Remote ON/OFF
APPLICATIONS
ADP series are specially designed for
LCD display, these produces have wide
output voltage adjustable range, and function
of remote ON/OFF, free air convection, and
No heat sink required while use.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified;
2.The nominal value is -24V, 24V or 28V.


同様の部品番号 - ADP

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
ADP-07-235-95-SR ADAM-TECH-ADP-07-235-95-SR Datasheet
192Kb / 1P
   0.7 DC PLUG
ADP-082-216-374 ADAM-TECH-ADP-082-216-374 Datasheet
86Kb / 1P
   2.1 DC PLUG
ADP-082-216-374-SR ADAM-TECH-ADP-082-216-374-SR Datasheet
88Kb / 1P
   2.1 DC PLUG
ADP-083-217-366-SR ADAM-TECH-ADP-083-217-366-SR Datasheet
72Kb / 1P
   909 Rahway Avenue
ADP-083-217-551 ADAM-TECH-ADP-083-217-551 Datasheet
115Kb / 1P
   909 Rahway Avenue
More results

同様の説明 - ADP

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
LTST-S220J LITEON-LTST-S220J Datasheet
316Kb / 6P
   Side looking special for LCD backlight
LTST-S320TBKT LITEON-LTST-S320TBKT Datasheet
298Kb / 6P
   SIDE LOOKING SPECIAL FOR LCD BACKLIGHT
LTST-S220EKT LITEON-LTST-S220EKT Datasheet
310Kb / 6P
   Side looking special for LCD backlight
LTST-S270EKT LITEON-LTST-S270EKT Datasheet
311Kb / 6P
   Side looking special for LCD backlight
LTST-S320EKT LITEON-LTST-S320EKT Datasheet
328Kb / 6P
   Side looking special for LCD backlight
LTST-S270AKT LITEON-LTST-S270AKT Datasheet
308Kb / 6P
   Side looking special for LCD backlight
LTST-S220TBKT LITEON-LTST-S220TBKT Datasheet
280Kb / 6P
   LCD for Side looking special backlight
LTST-S270CKT LITEON-LTST-S270CKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com