データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM49370 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM49370
部品情報  Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370 データシート(HTML) 11 Page - Texas Instruments

Back Button LM49370 Datasheet HTML 7Page - Texas Instruments LM49370 Datasheet HTML 8Page - Texas Instruments LM49370 Datasheet HTML 9Page - Texas Instruments LM49370 Datasheet HTML 10Page - Texas Instruments LM49370 Datasheet HTML 11Page - Texas Instruments LM49370 Datasheet HTML 12Page - Texas Instruments LM49370 Datasheet HTML 13Page - Texas Instruments LM49370 Datasheet HTML 14Page - Texas Instruments LM49370 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
LM49370
www.ti.com
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
Electrical Characteristics
(1)(2) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2 unless otherwise stated. Limits apply for 25°C.
LM49370
Symbol
Parameter
Conditions
Units
Limit(4)
Typical(3)
(5)
Minimum Gain from AUX input,
–40.5
dB
BOOST OFF
Maximum Gain from AUX input,
6
dB
BOOST OFF
Minimum Gain from CPI input
–28.5
dB
Earpiece Audio Path Gain
Maximum Gain from CPI input
18
dB
Minimum Gain from MIC input using
–18
dB
SIDETONE path w/ VCRMIC gain = 6dB
Maximum Gain from MIC input using
12
dB
SIDETONE path w/ VCRMIC gain = 6dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
AUXOUT Audio Path Gain
BOOST OFF
Minimum Gain from CPI input
–34.5
dB
Maximum Gain from CPI input
12
dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
CPOUT Audio Path Gain
BOOST OFF
Minimum Gain from MIC input
6
dB
Maximum Gain from MIC input
36
dB
Total DC Power Dissipation
DAC (fS = 48kHz) and HP ON
fMCLK = 12MHz, PLL OFF
56
mW
Digital Playback Mode Power Dissipation
fMCLK = 13MHz, PLL ON
71
mW
fPLLOUT = 12MHz
AUX Inputs selected and HP ON
Analog Playback Mode Power
Dissipation
fMCLK = 13MHz, PLL OFF
22
mW
PCM DAC (fS = 8kHz) + ADC (fS = 8kHz)
and EP ON
VOICE CODEC Mode Power Dissipation
fMCLK = 13MHz, PLL OFF
46
mW
CP IN selected. EP and CPOUT ON
VOICE Module Mode Power Dissipation
fMCLK = 13MHz, PLL OFF
27
mW
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49370


同様の部品番号 - LM49370

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

同様の説明 - LM49370

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com