データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10080 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC10080
部品情報  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 データシート(HTML) 11 Page - Texas Instruments

Back Button ADC10080 Datasheet HTML 7Page - Texas Instruments ADC10080 Datasheet HTML 8Page - Texas Instruments ADC10080 Datasheet HTML 9Page - Texas Instruments ADC10080 Datasheet HTML 10Page - Texas Instruments ADC10080 Datasheet HTML 11Page - Texas Instruments ADC10080 Datasheet HTML 12Page - Texas Instruments ADC10080 Datasheet HTML 13Page - Texas Instruments ADC10080 Datasheet HTML 14Page - Texas Instruments ADC10080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADC10080
www.ti.com
SNAS177G – MAY 2004 – REVISED FEBRUARY 2008
Typical Performance Characteristics
Unless otherwise specified, the following specifications apply: VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, VREF = 1.2V (External), fCLK = 80 MHz, fIN , 39 MHz, 50% Duty Cycle.
DNL
DNL vs. fCLK
DNL vs. Clock Duty Cycle (DC input)
DNL vs. Temperature
INL
INL vs. fCLK
INL vs. Clock Duty Cycle
SNR vs. VDDIO
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10080


同様の部品番号 - ADC10080

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080CIMT NSC-ADC10080CIMT Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080CIMT/NOPB TI1-ADC10080CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080CIMTX NSC-ADC10080CIMTX Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results

同様の説明 - ADC10080

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com