データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVD2106 データシート(PDF) 3 Page - Texas Instruments

部品番号 CDCLVD2106
部品情報  Dual 1:6 Low Additive Jitter LVDS Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2106 データシート(HTML) 3 Page - Texas Instruments

  CDCLVD2106_14 Datasheet HTML 1Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 2Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 3Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 4Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 5Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 6Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 7Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 8Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDCLVD2106
www.ti.com
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
PIN FUNCTIONS
PIN
NAME
NO.
TYPE
DESCRIPTION
5, 6, 11,
VCC
Power
2.5V supplies for the device
20, 31, 40
GND
21, 30
Ground
Device ground
INP0, INN0
9, 8
Input
Differential input pair or single ended input
INP1, INN1
2, 3
Input
Differential redundant input pair or single ended input
OUTP0, OUTN0
12, 13
Output
Differential LVDS output pair no. 0
OUTP1, OUTN1
14, 15
Output
Differential LVDS output pair no. 1
OUTP2, OUTN2
16, 17
Output
Differential LVDS output pair no. 2
INP0/INN0 is the input
OUTP3, OUTN3
18, 19
Output
Differential LVDS output pair no. 3
OUTP4, OUTN4
22, 23
Output
Differential LVDS output pair no. 4
OUTP5, OUTN5
24, 25
Output
Differential LVDS output pair no. 5
OUTP6, OUTN6
26, 27
Output
Differential LVDS output pair no. 6
OUTP7, OUTN7
28, 29
Output
Differential LVDS output pair no. 7
OUTP8,OUTN8
32, 33
Output
Differential LVDS output pair no. 8
INP1/INN1 is the input
OUTP9,OUTN9
34, 35
Output
Differential LVDS output pair no. 9
OUTP10,OUTN10
36, 37
Output
Differential LVDS output pair no. 10
OUTP11,OUTN11
38, 39
Output
Differential LVDS output pair no. 11
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use a
VAC_REF0
7
Output
0.1µF to GND on this pin.
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use a
VAC_REF1
4
Output
0.1µF to GND on this pin.
NC
10
No connect
Input with
internal
EN
1
Control pin – enables or disables the outputs (See Table 1).
200k
Ω pull-up
and pull-down
Device ground. Thermal pad must be soldered to ground. See thermal management
Thermal Pad
Ground
recommendations.
Table 1. Output Control Table
EN
CLOCK OUTPUTS
0
All outputs disabled (static "0")
Open
All outputs enabled
1
OUT0 to OUT5 enabled and OUT6 to OUT11 disabled (static "0")
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD2106


同様の部品番号 - CDCLVD2106_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVD2106RHAR TI1-CDCLVD2106RHAR Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106RHAT TI1-CDCLVD2106RHAT Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results

同様の説明 - CDCLVD2106_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com