データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM6208 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCM6208
部品情報  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 データシート(HTML) 4 Page - Texas Instruments

  CDCM6208 Datasheet HTML 1Page - Texas Instruments CDCM6208 Datasheet HTML 2Page - Texas Instruments CDCM6208 Datasheet HTML 3Page - Texas Instruments CDCM6208 Datasheet HTML 4Page - Texas Instruments CDCM6208 Datasheet HTML 5Page - Texas Instruments CDCM6208 Datasheet HTML 6Page - Texas Instruments CDCM6208 Datasheet HTML 7Page - Texas Instruments CDCM6208 Datasheet HTML 8Page - Texas Instruments CDCM6208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
Y7_N
Y7_P
VDD_Y7
Y6_N
Y6_P
VDD_Y6
VDD_Y5
36
35
34
33
28
27
26
29
25
30
31
32
SDI/SDA/PIN1
SDO/AD0/PIN2
SCS/AD1/PIN3
REF_SEL
SCL/PIN4
1
2
3
4
5
6
7
8
9
10
11
12
Y5_P
PRI_REFN
PRI_REFP
SI_MODE0
Y4_N
SEC_REFP
SEC_REFN
Y4_P
VDD_Y4
Y5_N
DVDD
VDD
VDD_Y2_Y3
VDD_PRI_REF
VDD_SEC_REF
_Y0_Y1
CDCM6208
SCAS931F – MAY 2012 – REVISED APRIL 2014
www.ti.com
6 Pin Configuration and Functions
RGZ PACKAGE
48-Pin
(Top View)
Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NAME
NUMBER
PRI_REFP
8
Input
Universal
Primary Reference Input +
PRI_REFN
9
Input
Universal
Primary Reference Input -
Supply pin for reference inputs to set between 1.8 V, 2.5 V, or 3.3
VDD_PRI_REF
7
PWR
Analog
V or connect to VDD_SEC_REF.
SEC_REFP
11
Input
Universal
Secondary Reference Input +
SEC_REFN
12
Input
Universal
Secondary Reference Input -
Supply pin for reference inputs to set between 1.8 V, 2.5 V, or 3.3
VDD_SEC_REF
10
PWR
Analog
V or connect to VDD_PRI_REF(1).
Manual Reference Selection MUX for PLL. In SPI or I2C mode the
LVCMOS
reference selection is also controlled through Register 4 bit
REF_SEL
6
Input
w/ 50 k
Ω pull-up 12.REF_SEL = 0 (≤ VIL): selects PRI_REFREF_SEL = 1 (≥ VIH):
selects SEC_REF (when Reg 4.12 = 1). See Table 5 for detail.
ELF
41
Output
Analog
External loop filter pin for PLL
Y0_P
14
Output
Universal
Output 0 Positive Pin
Y0_N
15
Output
Universal
Output 0 Negative Pin
Y1_P
17
Output
Universal
Output 1 Positive Pin
Y1_N
16
Output
Universal
Output 1 Negative Pin
(1)
If Secondary input buffer is disabled (Register 4 Bit 5 = 0), it is possible to connect VDD_SEC_REF to GND.
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: CDCM6208


同様の部品番号 - CDCM6208

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results

同様の説明 - CDCM6208

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com