データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4420-D1-FTR データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 SI4420-D1-FTR
部品情報  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI4420-D1-FTR データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI4420-D1-FTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 13Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Si4420
10
AC Characteristics (continued)
Note 1: Not using a 10 MHz crystal is allowed but not recommended because all crystal referred timing and frequency parameters will
change accordingly.
Note 2: See the BER diagrams in the measurement results section for detailed information (Not available at this time).
Note 3: See matching circuit parameters and antenna design guide for information.
Note 4: Optimal antenna admittance/impedance:
Si4420
Yantenna [S]
Zantenna [Ohm]
Lantenna [nH]
315 MHz
1.5E-3 - j5.14E-3
52 + j179
98.00
433 MHz
1.4E-3 - j7.1E-3
27 + j136
52.00
868 MHz
2E-3 - j1.5E-2
8.7 + j66
12.50
915 MHz
2.2E-3 - j1.55E-2
9 + j63
11.20
Note 5: Adjustable in 8 steps.
Note 6: With selective resonant antennas (see: Application Notes available from www.silabs.com/integration).
Note 7: During this period, commands are not accepted by the chip. For detailed information see the Reset modes section.
Note 8: The crystal oscillator start-up time strongly depends on the capacitance seen by the oscillator. Using low capacitance and low ESR
crystal is recommended. When designing the PCB layout keep the trace connecting to the crystal short to minimize stray
capacitance.


同様の部品番号 - SI4420-D1-FTR

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
SI4420BDY VISHAY-SI4420BDY Datasheet
185Kb / 8P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4420-D1-FTR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com