データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4420-D1-FTR データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SI4420-D1-FTR
部品情報  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI4420-D1-FTR データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI4420-D1-FTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4420-D1-FTR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Si4420
7
ELECTRICAL SPECIFICATION
(Min/max values are valid over the whole recommended operating range, typ conditions: T
op = 27
o
C; V
dd = Voc = 2.7 V)
DC Characteristics
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
315/433 MHz bands
13
14
868 MHz band
16
18
Idd_TX_0
Supply current
(TX mode, Pout = 0 dBm)
915 MHz band
17
19
mA
315/433 MHz bands
21
22
868 MHz band
23
25
Idd_TX_PMAX
Supply current
(TX mode, Pout = Pmax)
915 MHz band
24
26
mA
315/433 MHz bands
11
13
868 MHz band
12
14
Idd_RX
Supply current
(RX mode)
915 MHz band
13
15
mA
Ipd
Standby current (Sleep mode)
All blocks disabled
0.3
µA
Ilb
Low battery voltage detector current
consumption
0.5
µA
Iwt
Wake-up timer current consumption
1.5
µA
Ix
Idle current
Crystal oscillator and baseband
parts are on
3
3.5
mA
Vlb
Low battery detect threshold
Programmable in 0.1 V steps
2.25
5.35
V
Vlba
Low battery detection accuracy
+/-3
%
Vil
Digital input low level voltage
0.3*Vdd
V
Vih
Digital input high level voltage
0.7*Vdd
V
Iil
Digital input current
Vil = 0 V
-1
1
µA
Iih
Digital input current
Vih = Vdd, Vdd = 5.4 V
-1
1
µA
Vol
Digital output low level
Iol = 2 mA
0.4
V
Voh
Digital output high level
Ioh = -2 mA
Vdd-0.4
V


同様の部品番号 - SI4420-D1-FTR

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
SI4420BDY VISHAY-SI4420BDY Datasheet
185Kb / 8P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4420-D1-FTR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com