データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5459DU-T1 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI5459DU-T1
部品情報  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5459DU-T1 データシート(HTML) 4 Page - Vishay Siliconix

  SI5459DU-T1 Datasheet HTML 1Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 2Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 3Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 4Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 5Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 6Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 7Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 8Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Si5459DU
www.vishay.com
Vishay Siliconix
S14-0779-Rev. B, 14-Apr-14
4
Document Number: 65017
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
0.00
0.03
0.06
0.09
0.12
0.15
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ = 125 °C
ID = - 6.7 A
0
5
10
15
20
25
30
0.001
0.01
0.1
1
10
100
Time (s)
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
10 ms
100 ms
BVDSS
Limited
1ms
100 µs
Limited by RDS(on)*
DC
10 s
1s


同様の部品番号 - SI5459DU-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5459DU VISHAY-SI5459DU Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
Rev. C, 23-May-16
SI5459DU VISHAY-SI5459DU_V01 Datasheet
189Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI5459DU-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com