データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC121S101 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC121S101
部品情報  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101 データシート(HTML) 4 Page - Texas Instruments

  DAC121S101 Datasheet HTML 1Page - Texas Instruments DAC121S101 Datasheet HTML 2Page - Texas Instruments DAC121S101 Datasheet HTML 3Page - Texas Instruments DAC121S101 Datasheet HTML 4Page - Texas Instruments DAC121S101 Datasheet HTML 5Page - Texas Instruments DAC121S101 Datasheet HTML 6Page - Texas Instruments DAC121S101 Datasheet HTML 7Page - Texas Instruments DAC121S101 Datasheet HTML 8Page - Texas Instruments DAC121S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DAC121S101
SNAS265H – JUNE 2005 – REVISED FEBRUARY 2010
www.ti.com
Electrical Characteristics
The following specifications apply for VA = +2.7V to +5.5V, RL = 2kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 48 to 4047. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Typical
Limits
Units
Symbol
Parameter
Conditions
(1)
(1)
(Limits)
STATIC PERFORMANCE
Resolution
12
Bits (min)
Monotonicity
12
Bits (min)
INL
Integral Non-Linearity
Over Decimal codes 48 to 4047
±2.6
±8
LSB (max)
+0.25
+1.0
LSB (max)
VA = 2.7V to 5.5V
DNL
Differential Non-Linearity
−0.15
−0.7
LSB (min)
VA = 4.5V to 5.5V
(2)
±0.11
±0.5
LSB (max)
ZE
Zero Code Error
IOUT = 0
+4
+15
mV (max)
FSE
Full-Scale Error
IOUT = 0
−0.06
−1.0
%FSR (max)
GE
Gain Error
All ones Loaded to DAC register
−0.10
±1.0
%FSR
ZCED
Zero Code Error Drift
−20
µV/°C
VA = 3V
−0.7
ppm/°C
TC GE
Gain Error Tempco
VA = 5V
−1.0
ppm/°C
OUTPUT CHARACTERISTICS
0
V (min)
Output Voltage Range
(2)
VA
V (max)
VA = 3V, IOUT = 10 µA
1.8
mV
VA = 3V, IOUT = 100 µA
5.0
mV
ZCO
Zero Code Output
VA = 5V, IOUT = 10 µA
3.7
mV
VA = 5V, IOUT = 100 µA
5.4
mV
VA = 3V, IOUT = 10 µA
2.997
V
VA = 3V, IOUT = 100 µA
2.990
V
FSO
Full Scale Output
VA = 5V, IOUT = 10 µA
4.995
V
VA = 5V, IOUT = 100 µA
4.992
V
RL = ∞
1500
pF
Maximum Load Capacitance
RL = 2kΩ
1500
pF
DC Output Impedance
1.3
Ohm
VA = 5V, VOUT = 0V,
−63
mA
Input code = FFFh
VA = 3V, VOUT = 0V,
−50
mA
Input code = FFFh
IOS
Output Short Circuit Current
VA = 5V, VOUT = 5V,
74
mA
Input code = 000h
VA = 3V, VOUT = 3V,
53
mA
Input code = 000h
LOGIC INPUT
IIN
Input Current (2)
±1
µA (max)
VA = 5V
0.8
V (max)
VIL
Input Low Voltage (2)
VA = 3V
0.5
V (max)
VA = 5V
2.4
V (min)
VIH
Input High Voltage (2)
VA = 3V
2.1
V (min)
CIN
Input Capacitance (2)
3
pF (max)
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to National's AOQL (Average
Outgoing Quality Level).
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Links: DAC121S101


同様の部品番号 - DAC121S101

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101 TI1-DAC121S101 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101-Q1 TI1-DAC121S101-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
National Semiconductor ...
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

同様の説明 - DAC121S101

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com