データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-15B03SR2S データシート(PDF) 2 Page - MORNSUN Science& Technology Ltd.

部品番号 LS03-15B03SR2S
部品情報  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B03SR2S データシート(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS03-15B03SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC/DC Converter
LS03-15BXXSR2S(-F) Series
2014.03.13-A/1
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Temperature Drift
--
±0.15
--
%/°C
Stand-by Power
--
--
0.5
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%lo self-recovery
Min. Load
10
--
--
%
Hold-up Time
115VAC input
20
--
--
ms
230VAC input
80
--
--
Note: ①②.When LS03-15B03SR2S and LS03-15B05SR2S working in -20℃~-40℃ and 55℃~85℃temperature range output filter capacitor C2 need
270μF/16Vsolid-state capacitor.
.Rippleand Noisemeasuring refer to “ripple and noise measure figure”, please see
AC-DC Converter Application Notes for specific operation
methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
-40
--
+85
Storage Temperature
-40
--
+105
Max. Product Surface Temperature
--
--
+90
Storage Humidity
--
--
85
%RH
Switching Frequency
--
--
60
kHz
Power Derating
-40℃~-20℃
2--
--
%/℃
+55℃~+85℃
1.33
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety-regulated Certification
IEC60950/EN60950/UL60950
Safety Class
CLASS II
Hot Plug
Unavailable
MTBF
MIL-HDBK-217F@25°C>300,000h
Physical Specifications
Package Dimensions
35.00*18.00*11.00mm
Weight
7 g(Typ)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022, CLASS A (See Fig. 1 for recommended circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
Radiated Emission
CISPR22/EN55022, CLASS A (See Fig. 1 for recommended circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
EMS
Electrostatic Discharge
IEC/EN61000-4-2
±4KV
Perf. Criteria B
Radiation Immunity
IEC/EN61000-4-3
10V/m (See Fig. 2 for recommended circuit)
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (See Fig. 1 for recommended circuit)
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
±1KV/2KV(See Fig. 1 or Fig. 2 for recommended
circuit)
perf. Criteria B
Conducted Disturbance
immunity
IEC/EN61000-4-6
10 Vr.m.s(See Fig. 2 for recommended circuit)
perf. Criteria A
Immunity for Power
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B
1


同様の部品番号 - LS03-15B03SR2S

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S Datasheet
359Kb / 6P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
More results

同様の説明 - LS03-15B03SR2S

メーカー部品番号データシート部品情報
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com