データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC3484 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC3484
部品情報  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484 データシート(HTML) 6 Page - Texas Instruments

Back Button DAC3484 Datasheet HTML 2Page - Texas Instruments DAC3484 Datasheet HTML 3Page - Texas Instruments DAC3484 Datasheet HTML 4Page - Texas Instruments DAC3484 Datasheet HTML 5Page - Texas Instruments DAC3484 Datasheet HTML 6Page - Texas Instruments DAC3484 Datasheet HTML 7Page - Texas Instruments DAC3484 Datasheet HTML 8Page - Texas Instruments DAC3484 Datasheet HTML 9Page - Texas Instruments DAC3484 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
GND
GND
GND
SLEEP
GND
OS
TRN
N/C
N/C
SYNCN
D15N
D14N
D13N
D12N
TEST
MODE
OS
TRP
GND
DAC
CLKP
DAC
CLKN
GND
N/C
N/C
SYNCP
D15P
D14P
D13P
D12P
GND
IOUT
AP
IOUT
AN
GND
IOUT
BN
IOUT
BP
GND
GND
IOUT
CP
IOUT
CN
GND
IOUT
DN
IOUT
DP
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PLL
AVDD
LPF
GND
GND
EXTIO
BIASJ
GND
N/C
GND
ALARM
SDO
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
N/C
RESET
B
SDENB
AVDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
AVDD
GND
TX
ENABLE
SCLK
DAC
VDD
DAC
VDD
GND
GND
GND
DAC
VDD
DAC
VDD
GND
PLL
AVDD
N/C
GND
GND
GND
GND
N/C
SDIO
GND
GND
GND
GND
GND
GND
GND
GND
GND
VFUSE
DIG
VDD
GND
GND
GND
DIG
VDD
N/C
GND
GND
GND
GND
N/C
N/C
N/C
N/C
GND
IO
VDD
DIG
VDD
GND
GND
GND
GND
DIG
VDD
IO
VDD
GND
N/C
N/C
GND
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
GND
PARITY
P
PARITY
N
N/C
N/C
N/C
N/C
D11P
D10P
D11N
D10N
N/C
N/C
N/C
N/C
D9P
D8P
D9N
D8N
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
D7P
D6P
D7N
D6N
N/C
N/C
N/C
N/C
D5P
D4P
D5N
D4N
D0P
D0N
D1P
D1N
D2P
D2N
D3P
D3N
DATA
CLKP
DATA
CLKN
FRAME
P
FRAME
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
9
8
7
6
5
4
3
2
1
ZAY Package
(Top View)
DAC Output
Clock Input
Sync/Parity Input
Data Input
CMOS Pins
N/C
3.3V Supply
Ground
P0134-02
CLK
VDD
1.2V Supply
(except for IOVDD2)
DAC3484
SLAS749C – MARCH 2011 – REVISED AUGUST 2012
www.ti.com
6
Copyright © 2011–2012, Texas Instruments Incorporated


同様の部品番号 - DAC3484

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

同様の説明 - DAC3484

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com