データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC100PI-EX データシート(PDF) 3 Page - MORNSUN Science& Technology Ltd.

部品番号 TC100PI-EX
部品情報  Thermocouples Isolation Safety Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PI-EX データシート(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TC100PI-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PI-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PI-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PI-EX Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCx00PI-EX
2013.03.22-A/3
Page 3 of 4
3. The safety parameters about intrinsically safety end meets:
Uo
≤ UI, Io ≤ Iin, Po ≤ Pin
Co
≥ Cin, Lo ≥ Lin
4. Select suitable safety barrier which matches the intrinsically safety device in spot according to the power polarity, signal type and transmission
mode about the device.
5. Much more protection is required, which can avoid the influence of the leakage current generated by safety barrier on intrinsically safety device in
spot.
Operation notes
1. Please read the user manual carefully before using. If any questions please contact our technical support department.
2. Please do not use this product in hazardous area.
3. Power supply of this product should be 24VDC. 220VAC is prohibited.
To avoid explosion protection function invalid or any failure, disassembling the product is forbidden.
APPLICATION CIRCUIT DIAGRAM &
PIN DESCRIPTION
Hazardous-area
Safe-area
485B
485A
1
2
3
4
7
8
5
6
485B
485A
1
2
3
4
5
6
TC600PI-EX
TC100PI-EX
RL
RL
R L
18~36V DC
18~36V DC
4/0~ 20mA
4/0~ 20mA
4/0~20mA
Hazardous-area
Safe-area
mV
mV
+
-
+
-
+
-
+
-
+
-
+
-
11
12
+
-
11
12
INSTALLATION & DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
Disassembly
1. Use a screwdriver (Width of edge
≤ 6mm), cut in the metal card lock
from the underside;
2. Boost up the screwdriver and prize the metal card lock downwards;
3. Pull the instrument out of the rail.
1
2
3


同様の部品番号 - TC100PI-EX

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
More results

同様の説明 - TC100PI-EX

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
   THERMOCOUPLES
December 1968
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
RHOPOINT COMPONENTS
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
   ?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com