データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC600PW データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 TC600PW
部品情報  Programmable Thermocouple isolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC600PW データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TC600PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC600PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC600PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC600PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW
2013.06.07-A/1
Page 1 of 4
Programmable Thermocouple
isolators
——TCxxxPW Series
PART NUMBER SYSTEM
T C x x x PW
Slim case
Serial num ber
Channel configur ation
T her malcouple signal
Tr ansd ucer type
Prog ramm able
FEATURES
●3-port isolation (Signal input, signal output
and power supply)
●12.5mm slim case
● High accuracy (0.1% F.S.)
● High linearity (0.1% F.S.)
● Low temperature drift(50PPM/°C)
● Low-power dissipation
● Excellent EMC performance
● miniUSB port communication
● Input / Output range programmable
● High reliability(MTBF>500,000 hours)
GENERAL DESCRIPTION
TCxxxPW series thermocouple isolator which are mainly
applied in industrial automation systems can isolated
convert thermocouple input signal of the industrial field
instruments to the matched analog output signal for the
DCS/PLC, realizing the acquisition and transmission of field
signal.
An independent power supply is needed for the product
and the port of power supply, input and output are isolated
from
each
other.
This
series
of
products
contain
combinations of 1 input 1 output , 1 input 2 output, 2 input 2
output and so on. The thickness of 12.5mm meet the need
for high density field installation.
SELECTION GUIDE
Output type
1 input 1 output
2 input 2 output
1 input 2 output
Current output
TC100PW
TC200PW
TC600PW
Voltage output
TC140PW
TC240PW
TC640PW
Input signal:
Input signal
Range
The minimum range
R
-40~+1700℃
600℃
S
-40~+1700℃
600℃
K
-150~+1370℃
120℃
J
-80~+900℃
100℃
T
-160~+390℃
100℃
B
320~+1820℃
780℃
E
-80~+700℃
500℃
mV
-60~+60mV
10mV
Output signal:
Output type
Output signal
Current output
4~20mA / 0~20mA ( programmable)
Voltage output
0~5V / 0~10V / 1~5V / 2~10V ( programmable)
Note:1. Customers need to choose the type of the input signal, output signal and range. We could also offer customer design for special input and output.
2. You can get the USB Adapter T-01 for the isolator from Mornsun free of charge if you need.
ELECTRICAL CHARACTERISTICS
Input voltage
18~30VDC(Typical values 24VDC)
Power dissipation
1 input 1output
≤0.9W 1 input 2 output, 2 input 2 output ≤1.2W
Power input
Power protection
Reverse polarity protection, over-voltage protection
Input signal
See selection guide
Compensation range:-25~+75℃(Error is less than 1
° C per 20 ℃)
Field Area
Cold junction compensation
Method of compensation: Internal compensation


同様の部品番号 - TC600PW

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TC600PW-EX MORNSUN-TC600PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
More results

同様の説明 - TC600PW

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ELC-10JT ETC1-ELC-10JT Datasheet
116Kb / 2P
   THERMOCOUPLE TRANSMITTER (field-programmable)
logo
MORNSUN Science& Techno...
TR100PW MORNSUN-TR100PW Datasheet
579Kb / 4P
   Programmable Thermal Resistance Isolators
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
   Programmable Temperature Probes - Thermocouple and PT100 Assemblies
ITTUP100A CYNERGY3-ITTUP100A Datasheet
112Kb / 1P
   Programmable Temperature Probes - 1/4 NPT -Thermocouple and PT100 Assemblies
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
   Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
LB5002A PF-LB5002A Datasheet
569Kb / 3P
   Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
   Thermocouple Converter
2021-12-01
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
   Thermocouple Converter
FB5205B PF-FB5205B Datasheet
597Kb / 3P
   Thermocouple Converter
KFD0-TT-1 PF-KFD0-TT-1 Datasheet
896Kb / 5P
   Thermocouple Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com