データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD301D232H データシート(PDF) 3 Page - MORNSUN Science& Technology Ltd.

部品番号 TD301D232H
部品情報  SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301D232H データシート(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TD301D232H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301D232H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301D232H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx01D232H
2013.3.21-A/0
Page 3 of 3
TYPICAL APPLICATIONS CIRCUIT DIAGRAM
UART
RxD
MCU
TRANSFORMER
DRIVE
D1
D2
Vcc
GND
TxD
Vcc
RS-232
TRANSCEIVER
R xD
TxD
TOUT
RIN
GND
ISO
GND
IN
OUT
LDO
ISO
+
Vcc
ISO
ISO
VCC
ISOLATION
BARRIER
HIGH SPEED
OPTO
HIGH SPEED
OPTO
9-PIN
CONNECTOR
Conventional circuit
RXD
T XD
G ND
VCC
R IN
_
T _O UT
RG ND
1
6
2
7
3
8
4
9
5
6
7
8
RXD
T XD
1
2
3
4
+5V
UART
MCU
New circuit
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all test methods and setup are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING


同様の部品番号 - TD301D232H

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485 MORNSUN-TD301D485 Datasheet
877Kb / 4P
   Isolation transceiver module
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
253Kb / 4P
   Industrial Bus
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results

同様の説明 - TD301D232H

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TD302D232H MORNSUN-TD302D232H Datasheet
537Kb / 3P
   DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com