データシートサーチシステム |
|
SM4T33AY データシート(PDF) 1 Page - STMicroelectronics |
|
SM4T33AY データシート(HTML) 1 Page - STMicroelectronics |
1 / 12 page This is information on a product in full production. March 2012 Doc ID 17862 Rev 3 1/12 12 SM4TY Automotive 400 W Transil™ Datasheet − production data Features ■ Peak pulse power: – 400 W (10/1000 µs) – 2.3 kW (8/20 µs) ■ Stand-off voltage range: from 5 V to 70 V ■ Unidirectional and bidirectional types ■ Low leakage current: – 0.2 µA at 25 °C – 1 µA at 85 °C ■ Operating Tj max: 150 °C ■ High power capability at Tj max: – 270 W (10/1000 µs) ■ JEDEC registered package outline ■ Resin meets UL 94, V0 ■ AEC-Q101 qualified Complies with the following standards ■ ISO 10605, C = 150 pF, R = 330 Ω: – 30 kV (air discharge) – 30 kV (contact discharge) ■ ISO 10605, C = 330 pF, R = 330 Ω: – 30 kV (air discharge) – 30 kV (contact discharge) ■ ISO 7637-2(a) – pulse 1: VS = -100 V – pulse 2a: VS = +50 V – pulse 3a: VS = -150 V – pulse 3b: VS = +100 V Description The SM4TY Transil series has been designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to ISO 10605. The planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. SM4TY devices are packaged in SMA (SMA footprint in accordance with IPC 7531 standard). TM: Transil is a trademark of STMicroelectronics a. Not applicable to parts with stand-off voltage lower than the average battery voltage (13.5 V) K A Unidirectional Bidirectional SMA (JEDEC DO-214AC) www.st.com |
同様の部品番号 - SM4T33AY |
|
同様の説明 - SM4T33AY |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |