データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAZ22 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 SMAZ22
部品情報  1.0W SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ22 データシート(HTML) 1 Page - Diodes Incorporated

  SMAZ22 Datasheet HTML 1Page - Diodes Incorporated SMAZ22 Datasheet HTML 2Page - Diodes Incorporated SMAZ22 Datasheet HTML 3Page - Diodes Incorporated SMAZ22 Datasheet HTML 4Page - Diodes Incorporated SMAZ22 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAZ5V1 - SMAZ39
Document number: DS18015 Rev. 16 - 2
1 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAZ5V1 - SMAZ39
1.0W SURFACE MOUNT ZENER DIODE
Features
1.0W Power Dissipation
Ideally Suited for Automated Assembly
5.1V - 39V Nominal Zener Voltage Range
Standard VZ Tolerance is ± 5%
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMA
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Notch or Cathode Band
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.064 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@IF = 200mA
VF
1.2
V
Zener Current (see Table page 2)
IZM
PD / VZ
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
@TA = 50°C
Derate Above 50°C
(Note 3)
PD
1.0
8.0
W
mW/°C
Typical Thermal Resistance - Junction to Terminal (Note 3)
RθJT
30
°C/W
Typical Thermal Resistance - Junction to Ambient (Note 3)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/quality/lead_free.html.
2. No purposefully added lead. Halogen and Antimony free.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Top View
Bottom View
 
Green
Please click here to visit our online spice models database.


同様の部品番号 - SMAZ22

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAZ22 DIODES-SMAZ22 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ22 DIODES-SMAZ22 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ22 DIODES-SMAZ22 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ22 VISHAY-SMAZ22 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ22 DIODES-SMAZ22 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

同様の説明 - SMAZ22

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com