データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1F1854 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 LC1F1854
部品情報  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F1854 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1F1854 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1F1854 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 252 page
background image
Catalog
04
TeSys™ IEC-Style
Contactors and Starters
Selection Guide
File 8502
CONTENTS
Description
Page
Technical Information
Product Standards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Product Approvals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Protective Treatment According to Climatic Environment . . . . . . . . . . . . . . . . . . . . 10
Degrees of Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Kilowatt Motor Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Horsepower Motor Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Contactor Selection Guide
Definitions of Utilization Categories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Contactor Selection Guide for Utilization Category AC-3 . . . . . . . . . . . . . . . . . . . . . 18
Contactor Selection Guide for Utilization Category AC-1 . . . . . . . . . . . . . . . . . . . . . 22
Contactor Selection Guide for Utilization Category AC-2 and AC-4 . . . . . . . . . . . . . 24
Contactor Selection Guide for Utilization Category DC-1 to DC-5 . . . . . . . . . . . . . . 28
Voltage Code Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Definitions and Comments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Selection Guide


同様の部品番号 - LC1F1854

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1F1854BD SCHNEIDER-LC1F1854BD Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 275 A - coil 24 V DC
LC1F1854M7 SCHNEIDER-LC1F1854M7 Datasheet
148Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 275 A - coil 220 V AC
More results

同様の説明 - LC1F1854

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com