データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV112 データシート(PDF) 5 Page - Texas Instruments

部品番号 LMV112
部品情報  40 MHz Dual Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV112 データシート(HTML) 5 Page - Texas Instruments

  LMV112_14 Datasheet HTML 1Page - Texas Instruments LMV112_14 Datasheet HTML 2Page - Texas Instruments LMV112_14 Datasheet HTML 3Page - Texas Instruments LMV112_14 Datasheet HTML 4Page - Texas Instruments LMV112_14 Datasheet HTML 5Page - Texas Instruments LMV112_14 Datasheet HTML 6Page - Texas Instruments LMV112_14 Datasheet HTML 7Page - Texas Instruments LMV112_14 Datasheet HTML 8Page - Texas Instruments LMV112_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LMV112
www.ti.com
SNAS297A – JUNE 2005 – REVISED JULY 2005
5V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for TJ = 25°C, VDD = 5V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 20
pF, RL = 30 kΩ, CCOUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
Frequency Domain Response
SSBW
Small Signal Bandwidth
VIN = 0.63 VPP; −3 dB
42
MHz
FPBW
Full Power Bandwidth
VIN = 1.6 VPP; −3 dB
31
MHz
GFN
Gain Flatness < 0.1 dB
f > 100 kHz
4.9
MHz
Distortion and Noise Performance
en
Input-Referred Voltage Noise
f = 1 MHz
27
nV/
ISOLATION
Output to Input
f = 1 MHz
90
dB
CT
Crosstalk Rejection
f = 26 MHz, PIN = 0 dBm
61
dB
Time Domain Response
tr
Rise Time
0.1 VPP Step (10-90%), f = 1 MHz
7
ns
tf
Fall Time
6
ns
ts
Settling Time to 0.1%
1 VPP Step, f = 1 MHz
80
ns
OS
Overshoot
0.1VPP Step, f = 1 MHz
20
%
SR
Slew Rate (4)
VIN = 1.6 VPP, f = 26 MHz
120
V/µs
Static DC Performance
IS
Supply Current
Enable1,2 = VDD ; No Load
3.5
2.5
mA
3.8
Enable1,2 = VSS ; No Load
80
62
μA
89
PSRR
Power Supply Rejection Ratio
DC (3.0V to 5.0V)
58
68
dB
57
ACL
Small Signal Voltage Gain
VOUT = 0.1 VPP
0.99
1.01
1.00
V/V
0.97
1.03
VOS
Output Offset Voltage
16
1.3
mV
17
TC VOS
Temperature Coefficient Output Offset
3
µV/°C
Voltage (5)
ROUT
Output Resistance
f = 100 kHz
0.5
f = 26 MHz
118
Miscellaneous Performance
RIN
Input Resistance per Buffer
Enable = VDD
134
k
Enable = VSS
134
CIN
Input Capacitance per Buffer
Enable = VDD
2.0
pF
Enable = VSS
2.0
ZIN
Input Impedance
f = 26 MHz, Enable = VDD
7.2
k
f = 26 MHz, Enable = VSS
8.0
VO
Output Swing Positive
VIN = VDD
4.96
4.99
V
4.94
Output Swing Negative
VIN = VSS
40
10
mV
55
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA . There is no guarantee of parametric performance as indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
(4)
Slew rate is the average of the positive and negative slew rate.
(5)
Average Temperature Coefficient is determined by dividing the changing in a parameter at temperature extremes by the total
temperature change.
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV112


同様の部品番号 - LMV112_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV112SD NSC-LMV112SD Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
LMV112SDX NSC-LMV112SDX Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
More results

同様の説明 - LMV112_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
[Old version datasheet]   75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com