データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV112SD データシート(PDF) 8 Page - Texas Instruments

部品番号 LMV112SD
部品情報  40 MHz Dual Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV112SD データシート(HTML) 8 Page - Texas Instruments

Back Button LMV112SD Datasheet HTML 4Page - Texas Instruments LMV112SD Datasheet HTML 5Page - Texas Instruments LMV112SD Datasheet HTML 6Page - Texas Instruments LMV112SD Datasheet HTML 7Page - Texas Instruments LMV112SD Datasheet HTML 8Page - Texas Instruments LMV112SD Datasheet HTML 9Page - Texas Instruments LMV112SD Datasheet HTML 10Page - Texas Instruments LMV112SD Datasheet HTML 11Page - Texas Instruments LMV112SD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
5.0V
2.7V
LMV112
SNAS297A – JUNE 2005 – REVISED JULY 2005
www.ti.com
Typical Performance Characteristics (continued)
TJ = 25°C, VDD = 2.7V, VSS = 0V, Enable1,2 = VDD, CL = 20 pF, RL = 30 kΩ and CCOUPLING = 1 nF, unless otherwise specified.
Isolation Output to Input
vs.
Voltage Noise
Frequency
Crosstalk Rejection
vs.
Frequency
Transient Response Positive
Transient Response Negative
Small Signal Pulse Response
8
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LMV112


同様の部品番号 - LMV112SD

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV112SD NSC-LMV112SD Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
LMV112SDX NSC-LMV112SDX Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
More results

同様の説明 - LMV112SD

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
[Old version datasheet]   75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com