データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2080D1 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPA2080D1
部品情報  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA2080D1_14 Datasheet HTML 3Page - Texas Instruments TPA2080D1_14 Datasheet HTML 4Page - Texas Instruments TPA2080D1_14 Datasheet HTML 5Page - Texas Instruments TPA2080D1_14 Datasheet HTML 6Page - Texas Instruments TPA2080D1_14 Datasheet HTML 7Page - Texas Instruments TPA2080D1_14 Datasheet HTML 8Page - Texas Instruments TPA2080D1_14 Datasheet HTML 9Page - Texas Instruments TPA2080D1_14 Datasheet HTML 10Page - Texas Instruments TPA2080D1_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 225 mW
PO = 560 mW
PO = 1 W
PO = 1.7 W
VBAT = 3.6 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 62 mW
PO = 450 mW
PO = 1.1 W
PO = 2 W
VBAT = 3.6 V
RL = 4 Ω + 33 µH
Gain = 20 dB
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
VBAT − Supply Voltage − V
2.3
2.8
3.3
3.8
4.3
4.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
THD + N = 10%
THD + N = 1%
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
VBAT − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
THD + N = 10%
THD + N = 1%
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
TPA2080D1
www.ti.com
SLOS733A – JANUARY 2012 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS
VBAT = 3.6 V, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, EN = VBAT, and Load = 8 Ω + 33 µH, no ferrite bead unless otherwise
specified.
Figure 1. OUTPUT POWER vs SUPPLY VOLTAGE
Figure 2. OUTPUT POWER vs SUPPLY VOLTAGE
Figure 3. TOTAL SUPPLY CURRENT vs OUTPUT POWER
Figure 4. TOTAL SUPPLY CURRENT vs OUTPUT POWER
Figure 5. THD+N vs FREQUENCY
Figure 6. THD+N vs FREQUENCY
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA2080D1


同様の部品番号 - TPA2080D1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

同様の説明 - TPA2080D1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com