データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6133A2 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPA6133A2
部品情報  138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA6133A2_14 Datasheet HTML 3Page - Texas Instruments TPA6133A2_14 Datasheet HTML 4Page - Texas Instruments TPA6133A2_14 Datasheet HTML 5Page - Texas Instruments TPA6133A2_14 Datasheet HTML 6Page - Texas Instruments TPA6133A2_14 Datasheet HTML 7Page - Texas Instruments TPA6133A2_14 Datasheet HTML 8Page - Texas Instruments TPA6133A2_14 Datasheet HTML 9Page - Texas Instruments TPA6133A2_14 Datasheet HTML 10Page - Texas Instruments TPA6133A2_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
-120
-100
-80
-60
-40
-20
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
rip = 0.1VPK
R
L = 16Ÿ
C
i = 1µF
Stereo
-120
-100
-80
-60
-40
-20
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
rip = 0.1VPK
R
L = 32Ÿ
C
i = 1µF
Stereo
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 0.1Vrms
R
L = 16Ÿ
C
i = 1µF
Stereo
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 20mW
Po = 40mW
C004
V
DD
= 3.0V
R
L
= 32
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 35mW
Po = 70mW
C004
V
DD
= 3.6V
R
L
= 32
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 50mW
Po = 80mW
C004
V
DD
= 5.0V
R
L
= 32
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 35mW
Po = 70mW
C004
V
DD
= 3.6V
R
L
= 16
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 50mW
Po = 80mW
C004
V
DD
= 5.0V
R
L
= 16
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 1mW
Po = 4mW
Po = 20mW
C004
V
DD
= 2.5V
R
L
= 32
Ÿ
TPA6133A2
www.ti.com
SLOS821 – JUNE 2013
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
RATIO
RATIO
COMMON MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: TPA6133A2


同様の部品番号 - TPA6133A2_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

同様の説明 - TPA6133A2_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com