データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E6B06 データシート(PDF) 2 Page - Texas Instruments

部品番号 TPD1E6B06
部品情報  Single Channel ESD Protection Device in 0201 Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E6B06 データシート(HTML) 2 Page - Texas Instruments

  TPD1E6B06_14 Datasheet HTML 1Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 2Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 3Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 4Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 5Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 6Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 7Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 8Page - Texas Instruments TPD1E6B06_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPD1E6B06
SLLSEB2C – FEBRUARY 2012 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
MIN
MAX
UNIT
Operating temperature range
-40
125
°C
Storage temperature
–65
155
°C
IEC 61000-4-2 contact ESD
±15
kV
IEC 61000-4-2 air-gap ESD
±15
kV
IPP
Peak pulse current (tp = 8/20
μs)
3.8
A
PPP
Peak pulse power (tp = 8/20
μs)
50
W
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
ILEAK = 100 nA
±5
V
ILEAK
Leakage Current
Pin 1 = 5 V, Pin 2 = 0 V
100
nA
IPP = 1 A, tp = 8/20 μs
10
Clamp voltage with ESD strike on pin 1, pin 2
VClamp1,2
V
grounded.
IPP = 5 A, tp = 8/20 μs
14
IPP = 1 A, tp = 8/20 μs
10
Clamp voltage with ESD strike on pin 2, pin 1
VClamp2,1
V
grounded.
IPP = 5 A, tp = 8/20 μs
14
Pin 1 to Pin 2(1)
0.55
RDYN
Dynamic resistance
Ω
Pin 2 to Pin 1(1)
0.55
CIO
IO capacitance
VIO = 2.5 V
6
pF
VBR1,2
Break-down voltage, pin 1 to pin 2
IIO = 1 mA
6
V
VBR2,1
Break-down voltage, pin 2 to pin 1
IIO = 1 mA
6
V
(1)
Extraction of RDYN using least squares fit of TLP characteristics between IPP = 10A and IPP = 20A.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD1E6B06


同様の部品番号 - TPD1E6B06_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
More results

同様の説明 - TPD1E6B06_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com