データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E6B06 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E6B06
部品情報  Single Channel ESD Protection Device in 0201 Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E6B06 データシート(HTML) 1 Page - Texas Instruments

  TPD1E6B06 Datasheet HTML 1Page - Texas Instruments TPD1E6B06 Datasheet HTML 2Page - Texas Instruments TPD1E6B06 Datasheet HTML 3Page - Texas Instruments TPD1E6B06 Datasheet HTML 4Page - Texas Instruments TPD1E6B06 Datasheet HTML 5Page - Texas Instruments TPD1E6B06 Datasheet HTML 6Page - Texas Instruments TPD1E6B06 Datasheet HTML 7Page - Texas Instruments TPD1E6B06 Datasheet HTML 8Page - Texas Instruments TPD1E6B06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPD1E6B06
www.ti.com
SLLSEB2C – FEBRUARY 2012 – REVISED FEBRUARY 2013
Single Channel ESD Protection Device in 0201 Package
Check for Samples: TPD1E6B06
1
FEATURES
APPLICATIONS
Provides System Level ESD Protection for
Cell Phones
Low-voltage IO Interface
eBook
IEC 61000-4-2 Level 4
Portable Media Players
±15kV (Air Discharge),
Digital Camera
±15kV (Contact Discharge)
DEVICE CONFIGURATION
IO Capacitance 6pF (Typ)
RDYN 0.55Ω (Typ)
0.6 mm × 0.3 mm x 0.3 mm
(0.35-mm pitch)
DC Breakdown Voltage ±6V (Min)
Ultra Low Leakage Current 10nA (Typ)
Low ESD Clamping Voltage
Industrial Temperature Range: –40°C to 125°C
IEC 61000-4-5 (Surge): 3.8A (8/20 µs Pulse)
Space Saving 0201 Footprint
(0.6mm x 0.3mm x 0.3mm)
DESCRIPTION
The TPD1E6B06 is a single channel ESD protection device in a small 0201 package. The device offers ±15kV
IEC air-gap, ±15kV contact ESD protection, and has an ESD clamp circuit with a back-to-back diode for bipolar
or bidirectional signal support. The 6pF line capacitance is suitable for a wide range of applications supporting
data rates up to 800Mbps .Typical application areas for the TPD1E6B06 are audio lines (microphone, earphone,
and speakerphone), SD interfacing, keypad or other buttons, VBUS pin and ID pin of USB ports.
The 0201 package is industry standard and convenient for component placement in space saving applications.
The TPD1E6B06 is characterized for operation over ambient air temperature of -40°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
15000
Tape and reel
TPD1E6B06DPLR
H
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPD1E6B06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06DPLR TI-TPD1E6B06DPLR Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06DPLR TI1-TPD1E6B06DPLR Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
logo
Shanghai Leiditech Elec...
TPD1E6B06DPLR LEIDITECH-TPD1E6B06DPLR Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
logo
Texas Instruments
TPD1E6B06DPLT TI-TPD1E6B06DPLT Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results

同様の説明 - TPD1E6B06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com