データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E001 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2E001
部品情報  Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001 データシート(HTML) 1 Page - Texas Instruments

  TPD2E001 Datasheet HTML 1Page - Texas Instruments TPD2E001 Datasheet HTML 2Page - Texas Instruments TPD2E001 Datasheet HTML 3Page - Texas Instruments TPD2E001 Datasheet HTML 4Page - Texas Instruments TPD2E001 Datasheet HTML 5Page - Texas Instruments TPD2E001 Datasheet HTML 6Page - Texas Instruments TPD2E001 Datasheet HTML 7Page - Texas Instruments TPD2E001 Datasheet HTML 8Page - Texas Instruments TPD2E001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
N.C. – Not internally connected
DRS PACKAGE
(TOP VIEW)
GND
V
CC
N.C.
IO1
IO2
N.C.
GND
4
5
6
3
2
1
DRY PACKAGE
(TOP VIEW)
IO1
N.C.
N.C.
IO2
GND
V
CC
3
2
6
5
4
1
GND
V
CC
N.C.
DRL PACKAGE
(TOP VIEW)
IO1
IO2
2
3
4
5
1
IO2
GND
DZD PACKAGE
(TOP VIEW)
IO1
V
CC
2
3
4
1
TPD2E001
www.ti.com
SLLS684G – JULY 2006 – REVISED NOVEMBER 2013
Low-Capacitance 2-Channel ±15-kV ESD-Protection Array
For High-Speed Data Interfaces
Check for Samples: TPD2E001
1
FEATURES
DESCRIPTION
The TPD2E001 is a low-capacitance ±15-kV ESD-
2
ESD Protection Exceeds
protection diode array designed to protect sensitive
±15-kV Human-Body Model (HBM)
electronics attached to communication lines. Each
±8-kV IEC 61000-4-2 Contact Discharge
channel consists of a pair of diodes that steer ESD
current pulses to VCC or GND. The TPD2E001
±15-kV IEC 61000-4-2 Air-Gap Discharge
protects against ESD pulses up to ±15-kV Human-
Low 1.5-pF Input Capacitance
Body Model (HBM), ±8-kV Contact Discharge, and
Low 1-nA (Max) Leakage Current
±15-kV Air-Gap Discharge, as specified in IEC
61000-4-2. This device has a 1.5-pF capacitance per
Low 1-nA Supply Current
channel, making it ideal for use in high-speed data IO
0.9-V to 5.5-V Supply-Voltage Range
interfaces.
Two-Channel Device
The TPD2E001 is a two-channel device intended for
Space-Saving DRL, DRY, and QFN Package
USB and USB 2.0 applications.
Options
The TPD2E001 is available in DRL, DRY, and thin
Alternate 3-, 4-, 6-Channel Options Available:
QFN packages and is specified for –40°C to 85°C
TPD3E001, TPD4E001, and TPD6E001
operation.
The 3 x 3 mm DRS package is also available as a
APPLICATIONS
non-magnetic
package
for
medical
imaging
USB 2.0
application. See also TPD2E2U06DRLR which is p2p
Ethernet
compatible to TPD2E001DRLR and offers higher IEC
protection, lower clamping voltage, and eliminates the
FireWire™
input capacitor requirement.
Video
Cell Phones
SVGA Video Connections
Glucose Meters
Medical Imaging
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FireWire is a trademark of Apple Computer, Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPD2E001

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
More results

同様の説明 - TPD2E001

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_2 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com