データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4E001-Q1 データシート(PDF) 3 Page - Texas Instruments

部品番号 TPD4E001-Q1
部品情報  4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001-Q1 データシート(HTML) 3 Page - Texas Instruments

  TPD4E001-Q1_14 Datasheet HTML 1Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 2Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 3Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 4Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 5Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 6Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 7Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 8Page - Texas Instruments TPD4E001-Q1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TPD4E001-Q1
www.ti.com
SLLSEG0C – MARCH 2013 – REVISED JUNE 2013
THERMAL INFORMATION
TPD4E001-Q1
THERMAL METRIC(1)
DBV
UNIT
6 PINS
θJA
Junction-to-ambient thermal resistance(2)
202.1
°C/W
θJCtop
Junction-to-case (top) thermal resistance(3)
146.2
°C/W
θJB
Junction-to-board thermal resistance(4)
47.1
°C/W
ψJT
Junction-to-top characterization parameter(5)
37.6
°C/W
ψJB
Junction-to-board characterization parameter(6)
46.7
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Electrical Characteristics
VCC = 5 V ± 10%, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
1
200
nA
VF
Diode forward voltage
IF = 10 mA
0.65
0.95
V
VBR
Breakdown voltage
IBR = 10 mA
11
V
VCLAM
Surge strike(2) on IO pin, GND pin
Clamping voltage
Positive transients
16
V
P
grounded, VCC = 5.5 V, IPP = 5.5 A
VRWM
Reverse standoff voltage
IO pin to GND pin
5.5
V
Ii/o
Channel leakage current
Vi/o = GND to VCC
±10
nA
Ci/o
Channel input capacitance
VCC = 5 V, bias of VCC/2
1.5
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C.
(2)
Non-repetitive current pulse 8/20 µs exponentially decaying waveform according to IEC 61000-4-5.
ESD Protection
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 contact discharge
±8
kV
IEC 61000-4-2 air-gap discharge
±15
kV
Peak pulse current, IPP (Tp = 8/20 µs)
(1)
5.5
A
Peak pulse power, PPP (Tp = 8/20 µs)
(1)
100
W
(1)
Non-repetitive current pulse 8/20 µs exponentially decaying waveform according to IEC 61000-4-5.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD4E001-Q1


同様の部品番号 - TPD4E001-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_15 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
More results

同様の説明 - TPD4E001-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001-Q1 TI1-TPD4E001-Q1_15 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com