データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N139 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 6N139
部品情報  Low Input Current, High Gain Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N139 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N139 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
18
V
Forward Input Current (ON)
I
F(ON)
0.5
12.0
mA
Forward Input Voltage (OFF)
V
F(OFF)
0
0.8
V
Operating Temperature
T
A
0
70
°C
Absolute Maximum Ratings* (No Derating Required up to 85°C)
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
T
S
-55
125
°C
Operating Temperature**
T
A
-40
85
°C
Average Forward Input Current
IF(AVG)
20
mA
Peak Forward Input Current
IFPK
40
mA
(50% Duty Cycle, 1 ms Pulse Width)
Peak Transient Input Current
IF(TRAN)
1.0
A
(<1 μs Pulse Width, 300 pps)
Reverse Input Voltage
VR
5
V
HCNW139/138
3
V
Input Power Dissipation
PI
35
mW
Output Current (Pin 6)
IO
60
mA
Emitter Base Reverse Voltage (Pin 5-7)
VEB
0.5
V
Supply Voltage and Output Voltage
V
CC
-0.5
18
V
(6N139, HCPL-0701, HCNW139)
Supply Voltage and Output Voltage
V
CC
-0.5
7
V
(6N138, HCPL-0700, HCNW138)
Output Power Dissipation
PO
100
mW
Total Power Dissipation
PT
135
mW
Lead Solder Temperature (for Through Hole Devices)
260°C for 10 sec., 1.6 mm below seating plane
HCNW139/138
260°C for 10 sec., up to seating plane
Reflow Temperature Profile
See Package Outline Drawings section
(for SOIC-8 and Option #300)
*JEDEC Registered Data for 6N139 and 6N138.
**0°C to 70°C on JEDEC Registration.


同様の部品番号 - 6N139

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

同様の説明 - 6N139

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com