データシートサーチシステム |
|
508-501-21_1312 データシート(PDF) 2 Page - Marl International Limited |
|
508-501-21_1312 データシート(HTML) 2 Page - Marl International Limited |
2 / 5 page technical data Dimensions in mm (typical) Not to scale technical characteristics Series Max. Power Dissipation Max. Reverse Voltage Panel Cutout Nut Mounting Torque Min. Mounting Centres Max. Panel Thickness units mW Vdc mm Nm mm mm to order * = Current version ^ = Voltage version BS EN ISO 9001:2008 approved manufacturer 508 series 3.2 23.8 6 8.1+0.1 0 Mounting Hole Anode termination indicated by red sleeve. Mounting hole to be clean and burr free. housing material Body Nut Panel Seal push on connectors Header Termination Lens Encapsulation Lock Washer 925-000-00 is brass tin plated - for use with 508 series lamps Dimensions in mm (typical). Not to scale. Brass to BS 2874 CZ121, Nickel plated to BS 1224 Brass to BS 2874 CZ121, Nickel plated to BS 1224 Viton Brass to BS 2874 CZ108. Copper flash base, silver flash finish Polycarbonate PC5430 Resin Zinc Plated Steel - 508 700 3*/1000^ 8.1 0.65 14.5 1.5 - 13.0 optional flying lead terminators Order Code Suffix Supply Voltage Wire Colour Wire Length No/Diameter of Conductor Diameter Insulation Comments 15 15 19 19 DC products AC products DC products AC products Red-anode/ Black-cathode Brown-live/ Blue-neutral Red-anode/ Black-cathode Brown-live/ Blue-neutral 150mm 150mm 1000mm 1000mm Customised lengths available 19/0.15mm 1.2mm to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk © marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 508 - version 2013-12-03-173403 page 2 of 5 |
同様の部品番号 - 508-501-21_1312 |
|
同様の説明 - 508-501-21_1312 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |